Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1S1885 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1S1885
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1S1885 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1S1885 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1S1885 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Low cost
Diffused juncton
Low leakage
Low forward voltage drop
High current capability
and similar solvents
MECHANICAL DATA
Case:JEDEC DO--15,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces,0.39 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
1S
1887
1S
1888
UNITS
Maximum recurrent peak reverse voltage
VRRM
400
600
V
Maximum RMS voltage
VRMS
280
420
V
Maximum DC blocking voltage
VDC
400
600
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.5 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
p F
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
IR
200
140
VOLTAGE RANGE: 100 --- 600 V
CURRENT:
1.0 A
200
1S
1886
A
5.0
Easily cleaned with Freon,Alcohol,Isopropanol
IF(AV)
1.0
The plastic material carries U/L recognition 94V-0
A
60.0
IFSM
20
1.2
40
2. Thermal resistance f rom junction to ambient.
A
50.0
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55 ---- + 150
- 55---- + 150
1S1885(Z)---1S1888(Z)
DO - 15
100
70
100
1S
1885
PLASTIC SILICON RECTIFIER
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0260016
1.


Similar Part No. - 1S1885

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S1885 TOSHIBA-1S1885 Datasheet
134Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
logo
SynSemi, Inc.
1S1885 SYNSEMI-1S1885 Datasheet
35Kb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
1S1885 EIC-1S1885 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1885 SUNMATE-1S1885 Datasheet
313Kb / 2P
   PLASTIC SILICON RECTIFIER DIODES
logo
Diode Semiconductor Kor...
1S1885 DSK-1S1885 Datasheet
247Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 1S1885

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com