Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BY251 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part No. BY251
Description  PLASTIC SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BY251 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BY251 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BY251 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BY251 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
4
10
8
20
40 60 80 100
0
TJ=125℃
8.3ms Single Half
Sine-Wave
1 00
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
410
2
0
40
1
00
f=1MHz
TJ=25
T J=25
P ulse W idth=3 00uS
10
4
2
0.6
0.8
1.0
1.2
1.4
1.6
100
1.0
0.4
0.2
0.1
0.06
0.04
0.02
0.01
50
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
0
25
1
2
3
4
75
100
150
125
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0260014
2.
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3 -- MAXIMUM NON-REPETITIVE FORWARD
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
BY251(Z)---BY255(Z)
FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTICCURVES
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS
FIG.2 -- TYPICAL CURRENT DERATING CURVE


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1A1_07 MINIATURE PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
PS150_07 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
PS200_07 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
1A1 PLASTIC SILICON RECTIFIER 1  2  Galaxy Semi-Conductor Holdings Limited
1N4001 PLASTIC SILICON RECTIFIER 1  2  Galaxy Semi-Conductor Holdings Limited
1N5391_04 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
RL101 PLASTIC SILICON RECTIFIER 1  2  Galaxy Semi-Conductor Holdings Limited
1N5400_07 HIGH CURRENT PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
1N5391 PLASTIC SILICON RECTIFIER 1  2  Galaxy Semi-Conductor Holdings Limited
RL151 PLASTIC SILICON RECTIFIER 1  2  Galaxy Semi-Conductor Holdings Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn