Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1A1 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part No. 1A1
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1A1 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1A1 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1A1 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300us
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
f=1MHz
TJ=25
0
1
10
100
     TJ=125
8.3ms Single Half
Sine-Wave
10
20
30
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0260001
2.
0
.2
.4
.6
.8
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm) Lead Length
1.0
200
175
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
RATINGSANDCHARACTERISTICCURVES
1A1---1A7
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1A1_07 MINIATURE PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
PS150_07 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
PS200_07 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
1N5391_04 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
1N5400_07 HIGH CURRENT PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
BDV65B_06 Complementary Silicon Plastic Power Darlingtons 1  2  3  4  ON Semiconductor
BA157 Fast Switching Plastic Rectifier 1  2  3  4  Vishay Siliconix
QSE243_05 Low Light Rejection Plastic Silicon Infrared PhotoTransistor 1  2  3  Fairchild Semiconductor
PS100R_05 FAST RECOVERY PLASTIC RECTIFIER 1  2  Pan Jit International Inc.
BYP57 35A Silicon Power Rectifier Diode 1  2  3  4  5  Zetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn