Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1A1 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. 1A1
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1A1 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1A1 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1A1 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Low cost
Diffused junction
Low leakage
High current capability
The plastic material carries U/L recognition 94V-O
MECHANICAL DATA
Case:JEDEC R-1,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.007 ounces,0.20 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
1A3
1A4
1A5
1A6
1A7
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
j=125
Maximum instantaneous forw ard voltage
@ 1.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
Tj
Storage temperature range
TSTG
1A1
1A2
50
100
2. Thermal resistance from junction to ambient.
µ A
5.0
PLASTIC SILICON RECTIFIER
A
A
Easily cleaned with Freon,Alcohol,lsopropanol
and similar solvents
IF(AV)
1.0
IFSM
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
- 55 ---- + 150
- 55 ---- + 150
IR
15
1.0
1A1 --- 1A7
50
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 1.0 A
35
50
R-1
50.0
30.0
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0260001
1.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1A1_07 MINIATURE PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
PS150_07 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
PS200_07 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
1N5391_04 PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
1N5400_07 HIGH CURRENT PLASTIC SILICON RECTIFIER 1  2  Pan Jit International Inc.
BDV65B_06 Complementary Silicon Plastic Power Darlingtons 1  2  3  4  ON Semiconductor
BA157 Fast Switching Plastic Rectifier 1  2  3  4  Vishay Siliconix
QSE243_05 Low Light Rejection Plastic Silicon Infrared PhotoTransistor 1  2  3  Fairchild Semiconductor
PS100R_05 FAST RECOVERY PLASTIC RECTIFIER 1  2  Pan Jit International Inc.
BYP57 35A Silicon Power Rectifier Diode 1  2  3  4  5  Zetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn