Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM55RZ-M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # TM55RZ-M
Description  MEDIUM POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM55RZ-M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  TM55RZ-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM55RZ-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM55RZ-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM55RZ-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM55RZ-M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
MAXIMUM AVERAGE POWER
DISSIPATION (SINGLE PHASE HALFWAVE)
LIMITING VALUE OF THE AVERAGE
CURRENT (SINGLE PHASE HALFWAVE)
AVERAGE CURRENT (A)
AVERAGE CURRENT (A)
MAXIMUM AVERAGE
POWER DISSIPATION
(RECTANGULAR WAVE)
LIMITING VALUE OF THE AVERAGE
CURRENT (RECTANGULAR WAVE)
AVERAGE CURRENT (A)
AVERAGE CURRENT (A)
LIMITING VALUE OF THE RMS CURRENT
(REVERSE-PARALLEL CONNECTION,
THREE-PHASE THREE-LINE CONNECTION)
MAXIMUM AVERAGE POWER DISSIPATION
(REVERSE-PARALLEL CONNECTION,
THREE-PHASE THREE-LINE CONNECTION)
RMS CURRENT (A)
RMS CURRENT (A)
MITSUBISHI THYRISTOR MODULES
TM55RZ/EZ-M,-H
MEDIUM POWER GENERAL USE
INSULATED TYPE
0
0
100
20
100
80
20
40
60
40
60
80
θ
360°
θ=30°
60°
270°
DC
180°
120°
90°
130
50
60
70
80
90
100
110
120
0
100
20
80
40
60
θ=30° 60°
DC
270°
θ
360°
180°
90°
120°
0
0
160
40
20
160
60
140
120
100
80
60
40
20
80 100 120 140
θ=180°
60°
90°
30°
θ
360°
θ
80
0
160
40
20
130
60
85
80
90
95
100
105
110
115
120
125
100 120 140
θ
360°
θ
θ=30°
180°
60°
90°
0
080
30
10
50
70
80
10
20
30
40
50
60
70
20
40
60
θ=30°
120°
90°
180°
θ
360°
60°
130
50
060
80
10
20
50
60
70
80
90
100
110
120
30
40
70
θ=30° 60° 90°
θ
360°
120° 180°
RESISTIVE,
INDUCTIVE LOAD
PER SINGLE ELEMENT
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE
ELEMENT
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE ELEMENT
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE MODULE
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE
ELEMENT
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE MODULE


Similar Part No. - TM55RZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM55RZ-24 MITSUBISHI-TM55RZ-24 Datasheet
70Kb / 5P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-2H MITSUBISHI-TM55RZ-2H Datasheet
70Kb / 5P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM55RZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-M MITSUBISHI-RM60DZ-M Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TC-24 MITSUBISHI-RM30TC-24 Datasheet
48Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM10T3B-M MITSUBISHI-TM10T3B-M Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20RA-M MITSUBISHI-TM20RA-M Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30CZ MITSUBISHI-RM30CZ Datasheet
53Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TB-H MITSUBISHI-RM30TB-H Datasheet
38Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM75TC-M MITSUBISHI-RM75TC-M Datasheet
51Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com