Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM55EZ-24 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # TM55EZ-24
Description  HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM55EZ-24 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  TM55EZ-24 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM55EZ-24 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM55EZ-24 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM55EZ-24 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM55EZ-24 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
ABSOLUTE MAXIMUM RATINGS
Unit
V
V
V
V
V
V
MITSUBISHI THYRISTOR MODULES
TM55RZ/EZ-24,-2H
HIGH VOLTAGE MEDIUM POWER GENERAL USE
INSULATED TYPE
24
1200
1350
960
1200
1350
960
2H
1600
1700
1280
1600
1700
1280
Symbol
VRRM
VRSM
VR (DC)
VDRM
VDSM
VD (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage
Non-repetitive peak off-state voltage
DC off-state voltage
Unit
A
A
A
A2s
A/
µs
W
W
V
V
A
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
Conditions
Single-phase, half-wave 180
° conduction, TC=81°C
One half cycle at 60Hz, peak value
Value for one cycle of surge current
VD=1/2VDRM, IG=1.0A, Tj=125
°C
Charged part to case
Main terminal screw M5
Mounting screw M6
Typical value
Ratings
86
55
1100
5.0
× 103
100
5.0
0.5
10
5.0
2.0
–40~125
–40~125
2500
1.47~1.96
15~20
1.96~2.94
20~30
160
Symbol
IT (RMS), IF (RMS)
IT (AV), IF (AV)
ITSM, IFSM
I2t
di/dt
PGM
PG (AV)
VFGM
VRGM
IFGM
Tj
Tstg
Viso
Parameter
RMS current
Average current
Surge (non-repetitive) current
I2t for fusing
Critical rate of rise of on-state current
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate reverse voltage
Peak gate forward current
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Voltage class
ELECTRICAL CHARACTERISTICS
Unit
mA
mA
V
V/
µs
V
V
mA
°C/W
°C/W
M
Limits
Symbol
IRRM
IDRM
VTM, VFM
dv/dt
VGT
VGD
IGT
Rth (j-c)
Rth (c-f)
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
Forward voltage
Critical rate of rise of off-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Thermal resistance
Contact thermal resistance
Insulation resistance
Test conditions
Tj=125
°C, VRRM applied
Tj=125
°C, VDRM applied
Tj=125
°C, ITM=IFM=165A, instantaneous meas.
Tj=125
°C, VD=2/3VDRM
Tj=25
°C, VD=6V, RL=2Ω
Tj=125
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, RL=2Ω
Junction to case (per 1/2 module)
Case to fin, conductive grease applied (per 1/2 module)
Measured with a 500V megohmmeter between main terminal
and case
Min.
500
0.25
15
10
Typ.
Max.
10
10
1.5
2.0
100
0.5
0.2
Note: Items of the above table applies to the Thyristor part and the Diode part as circled in the following tables.


Similar Part No. - TM55EZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM55EZ-H MITSUBISHI-TM55EZ-H Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55EZ-M MITSUBISHI-TM55EZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM55EZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM30TC-40 MITSUBISHI-RM30TC-40 Datasheet
48Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM15TC-40 MITSUBISHI-RM15TC-40 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100D2Z-40 MITSUBISHI-RM100D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM30DZ-24 MITSUBISHI-RM30DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TA-24 MITSUBISHI-RM20TA-24 Datasheet
70Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24_02 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100DZ-24 MITSUBISHI-RM100DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM50D2Z-40 MITSUBISHI-RM50D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
TM25RZ-24 MITSUBISHI-TM25RZ-24 Datasheet
59Kb / 4P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-24 MITSUBISHI-RM60DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24 Datasheet
61Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com