Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US91AEVK Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # US91AEVK
Description  24V Hall IC Fan Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US91AEVK Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button US91AEVK Datasheet HTML 4Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 5Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 6Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 7Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 8Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 9Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 10Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 11Page - Melexis Microelectronic Systems US91AEVK Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
US90A / US91A
24V Hall IC Fan Driver
390109026302
Page 11 of 12
Data Sheet
Rev 002
Apr/07
16.3 VA Package Information (4-pin TO92 flat)
0.30+/-0.05
5.38+/-0.05
5.16+/-0.08
0.40+/-0.05
1.27+/-0.05
3.81+/-0.05
5°(2X)
0.25
5°(2x)
5°(2x)
Notes:
1. All dimensions are in millimeters
2. Package dimension exclude end flash
Marking:
Top Side:
1st Line : US90A (US91A) - Name of the device
2nd Line : xxxxxx - Assembly lot number (last 6 digits)
Bottom Side:
yyww : yy = year
ww = week
Hall plate location
2.69
Notes:
1. All dimensions are in millimeters
2. Typical values
0.33
4.30+/-0.20
1 max
0.40
0.60
1x45°(REF)
+0.06
- 0.07
1.10
1.20
45°(TYP)
0.24
0.29
0.61
0.66
45°(2x)


Similar Part No. - US91AEVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
More results

Similar Description - US91AEVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Anpec Electronics Corop...
APX9189 ANPEC-APX9189 Datasheet
170Kb / 10P
   12V/24V High Sensitivity Hall IC for FAN Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com