Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US90AEVK Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # US90AEVK
Description  24V Hall IC Fan Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US90AEVK Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  US90AEVK Datasheet HTML 1Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 2Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 3Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 4Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 5Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 6Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 7Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 8Page - Melexis Microelectronic Systems US90AEVK Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
US90A / US91A
24V Hall IC Fan Driver
390109026302
Page 5 of 12
Data Sheet
Rev 002
Apr/07
9 Detailed General Description
The US90A/91A is a one-chip solution for driving two-coil brushless DC fans. Based on advanced Melexis
CMOS process, the IC contains a Hall-effect sensor, dynamic offset correction and low side output drivers.
The output drivers OUT1 and OUT2 are fully protected against switching transients. So there is no need for
an external zener diode to cut the high voltage spikes induced by the fan coils.
The US90A has an open-drain integrated tachometer FG output that follows the Hall signal.
In the US91A, the open-drain rotation detection output RD is active low during normal spinning of the motor.
It goes high when the flux switching frequency becomes too low, which means the motor is blocked.
10 Unique Features
The absence of a VDD pin enables the two low side output drivers and FG/RD signal output to fit in a four-pin
VK package. The lack of a VDD pin decreases also the probability to damage the chip due to reverse voltage
connection, using the coil resistance to limit the reverse current. In this condition, the total reverse current is
twice the peak current value of the fan used.
The built-in locked-rotor protection will automatically shut off the coil current when the rotor is mechanically
blocked, or the rotational speed drops below 60 RPM (4-pole rotor magnet). The fan will try to restart every
1.5 seconds until the obstruction is clear. The On / Off cycling reduces the average stall current to 1/7 normal;
this is enough to prevent overheating or damage to most fans. Both the US90A and US91A have this feature.


Similar Part No. - US90AEVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
More results

Similar Description - US90AEVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Anpec Electronics Corop...
APX9189 ANPEC-APX9189 Datasheet
170Kb / 10P
   12V/24V High Sensitivity Hall IC for FAN Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com