Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX10801 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX10801
Description  Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10801 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX10801 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX10801 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
IC specification
MLX10801
Power LED driver for automotive applications
Power saving low side coil driver
Electronic fuse
3901010801
Page 5/41
Rev 021
14/July/05
Author: TFR
revised: RAH/SSZ
1.
Typical application data
1.1.
LED driver applications
1.1.1. Complete schematic LED driver diagram
VS
GND
CALIB
TEST
RSENSE
DSENSE
DRVOUT
CONTR
Diode only needed, in case
temperature shut off is done
with an external diode
temperature sensor
VBAT
CONTROL
GND
47k
100nF
Calibration point
Calibration
point
Calibration points
optional Cap for
EMC reduction
10...100uF
Cap for EMC directly
on the connector
100nF...1uF
1.1.2. Minimum schematic LED driver diagram
VS
GND
CALIB
TEST
RSENSE
DSENSE
DRVOUT
CONTR
VBAT
GND
47k
100nF
Calibration point
Calibration
point
Calibration points
10...100uF
Cap for EMC directly
on the connector
100nF...1uF


Similar Part No. - MLX10801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803 Datasheet
855Kb / 25P
   Automotive high power LED driver
logo
Melexis Microelectronic...
MLX10803 MELEXIS-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
logo
List of Unclassifed Man...
MLX10803KDC ETC2-MLX10803KDC Datasheet
462Kb / 25P
   High power LED driver
MLX10803KDC ETC2-MLX10803KDC Datasheet
855Kb / 25P
   Automotive high power LED driver
More results

Similar Description - MLX10801

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
FL10801 MELEXIS-FL10801 Datasheet
664Kb / 12P
   Power saving low side coil driver
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
   High power LED driver for automotive applications
July 2018 Rev 3
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
   High power LED driver for automotive applications
July 2018 Rev 5
A6387 STMICROELECTRONICS-A6387 Datasheet
331Kb / 14P
   High voltage high- and low-side driver for automotive applications
February 2015 Rev 5
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com