Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL83082E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL83082E
Description  -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83082E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL83082E Datasheet HTML 1Page - Intersil Corporation ISL83082E Datasheet HTML 2Page - Intersil Corporation ISL83082E Datasheet HTML 3Page - Intersil Corporation ISL83082E Datasheet HTML 4Page - Intersil Corporation ISL83082E Datasheet HTML 5Page - Intersil Corporation ISL83082E Datasheet HTML 6Page - Intersil Corporation ISL83082E Datasheet HTML 7Page - Intersil Corporation ISL83082E Datasheet HTML 8Page - Intersil Corporation ISL83082E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN6085.8
February 27, 2008
Pinouts
ISL83082E, ISL83085E, ISL83088E
(8 LD MSOP, SOIC)
TOP VIEW
ISL83084E
(8 LD SOIC)
TOP VIEW
ISL83080E, ISL83083E, ISL83086E
(10 LD MSOP)
TOP VIEW
ISL83080E, ISL83083E, ISL83086E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information
PART NUMBER (Note 1)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL83080EIB
83080EIB
-40 to +85
14 Ld SOIC
M14.15
ISL83080EIBZ (Note 2)
83080EIBZ
-40 to +85
14 Ld SOIC (Pb-free)
M14.15
ISL83080EIUZ (Note 2)
3080Z
-40 to +85
10 Ld MSOP (Pb-free)
M10.118
ISL83082EIB
83082 EIB
-40 to +85
8 Ld SOIC
M8.15
ISL83082EIBZ (Note 2)
83082 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83082EIU
3082E
-40 to +85
8 Ld MSOP
M8.118
ISL83082EIUZ (Note 2)
3082Z
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
ISL83083EIB
83083EIB
-40 to +85
14 Ld SOIC
M14.15
ISL83083EIBZ (Note 2)
83083EIBZ
-40 to +85
14 Ld SOIC (Pb-free)
M14.15
ISL83083EIUZ (Note 2)
3083Z
-40 to +85
10 Ld MSOP (Pb-free)
M10.118
ISL83084EIBZ (Note 2)
83084 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83085EIB
83085 EIB
-40 to +85
8 Ld SOIC
M8.15
ISL83085EIBZ (Note 2)
83085 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83085EIU
3085E
-40 to +85
8 Ld MSOP
M8.118
ISL83085EIUZ (Note 2)
3085Z
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
ISL83086EIB
83086EIB
-40 to +85
14 Ld SOIC
M14.15
ISL83086EIBZ (Note 2)
83086EIBZ
-40 to +85
14 Ld SOIC (Pb-free)
M14.15
ISL83086EIUZ (Note 2)
3086Z
-40 to +85
10 Ld MSOP (Pb-free)
M10.118
ISL83088EIB
83088 EIB
-40 to +85
8 Ld SOIC
M8.15
ISL83088EIBZ (Note 2)
83088 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83080E, ISL83082E, ISL83083E, ISL83084E, ISL83085E, ISL83086E, ISL83088E


Similar Part No. - ISL83082E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83082E INTERSIL-ISL83082E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83082E INTERSIL-ISL83082E Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83082E RENESAS-ISL83082E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83082EIB INTERSIL-ISL83082EIB Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83082EIB-T INTERSIL-ISL83082EIB-T Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83082E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com