Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29013IROZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL29013IROZ-T7
Description  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29013IROZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL29013IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6485.0
February 13, 2008
Typical Performance Curves (REXT = 100kΩ)
FIGURE 7. SPECTRAL RESPONSE
FIGURE 8. RADIATION PATTERN
FIGURE 9. SPECTRUM OF LIGHT SOURCES FOR
MEASUREMENT
FIGURE 10. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 11. OUTPUT CODE FOR 0 LUX vs SUPPLY VOLTAGE
FIGURE 12. OUTPUT CODE vs SUPPLY VOLTAGE
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
600
800
1.0k
WAVELENGTH (nm)
ISL29013 RESPONSE
1.1k
HUMAN EYE RESPONSE
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
90°
80°
70°
60°
50°
40°
30°
20°
10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
SUN
HALOGEN
INCANDESCENT
FLUORESCENT
2.0
2.3
2.6
2.9
3.2
3.5
3.8
320
306
292
278
264
250
SUPPLY VOLTAGE (V)
TA = +27°C
5000 lux
200 lux
2.0
2.3
2.6
2.9
3.2
3.5
10
8
6
4
2
0
SUPPLY VOLTAGE (V)
TA = +27°C
0 lux
3.8
RANGE 2
2.0
2.3
2.6
2.9
3.2
3.5
3.8
1.015
1.010
1.005
1.000
0.995
0.990
SUPPLY VOLTAGE (V)
TA = +27°C
5000 lux
200 lux
ISL29013


Similar Part No. - ISL29013IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29013IROZ-T7 RENESAS-ISL29013IROZ-T7 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Similar Description - ISL29013IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com