Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL2211-30UZ Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PL2211-30UZ
Description  Dual Low Noise LDO in 3mm횞3mm MLF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211-30UZ Datasheet(HTML) 2 Page - Power IC Ltd.

  PL2211-30UZ Datasheet HTML 1Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 2Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 3Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 4Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 5Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 6Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 7Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 8Page - Power IC Ltd. PL2211-30UZ Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN CONFIGURATION
ORDERING INFORMATION
Part Number
Output Voltage
Marking
Package
PL2211 – 15VZ
1.5
DBAMW
10L-TDLMF
PL2211 – 15UZ
1.5
DBBMW
10L-TDLMF
PL2211 – 18VZ
1.8
DBCMW
10L-TDLMF
PL2211 – 18UZ
1.8
DBDMW
10L-TDLMF
PL2211 – 25VZ
2.5
DBEMW
10L-TDLMF
PL2211 – 25UZ
2.5
DBFMW
10L-TDLMF
PL2211 – 27VZ
2.7
DBGMW
10L-TDLMF
PL2211 – 27UZ
2.7
DBHMW
10L-TDLMF
PL2211 – 28VZ
2.8
DBIMW
10L-TDLMF
PL2211 – 28UZ
2.8
DBJMW
10L-TDLMF
PL2211 – 30VZ
3.0
DBKMW
10L-TDLMF
PL2211 – 30UZ
3.0
DBLMW
10L-TDLMF
PL2211 – 33VZ
3.3
DBMMW
10L-TDLMF
PL2211 – 33UZ
3.3
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
2
DBNMW
10L-TDLMF
Note 1: Contact the factory for other output voltages that are not in the above table


Similar Part No. - PL2211-30UZ

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211-30UZ PICSEMI-PL2211-30UZ Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
More results

Similar Description - PL2211-30UZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HIP6211 ETC2-HIP6211 Datasheet
206Kb / 9P
   Dual Low Noise LDO in 3mm횞3mm MLF?
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com