Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS0100-3.3 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PS0100-3.3
Description  600mA Synchronous Boost Converter with Output Disconnect
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0100-3.3 Datasheet(HTML) 1 Page - Power IC Ltd.

  PS0100-3.3 Datasheet HTML 1Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 2Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 3Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 4Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 5Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 6Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 7Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 8Page - Power IC Ltd. PS0100-3.3 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PS0100
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1
600mA Synchronous Boost
Converter with Output Disconnect
DESCRIPTION
FEATURES
The PS0100 is a synchronous, step-up DC/DC
converter delivering high efficiency in a SOT-26
package. The device has an internal NMOS switch
and PMOS synchronous rectifier and has the
capacity of supplying 3.3V at 100mA from a single
AA cell input.
Up to 92% efficiency
Low start-up voltage 0.8V
Internal synchronous rectifier
Up to 2MHz switching allows for tiny
external components
0.5V to 4.4V input range
2.5V to 5.0V output range (Note 3)
High frequency switching (up to 2MHz) minimizes
the board area by allowing the use of tiny, low
profile inductors and ceramic capacitors.
Fully discharged shutdown output voltage
Logic controlled shutdown (<1µA)
Low 250µA operating supply current
(measured at VOUT)
The PS0100 provides automatic pulse skipping at
light loads, thus reducing the supply current for
extended battery life. At shutdown, the PS0100
fully discharges the output to ground and draws no
supply current.
Pulse skipping at light load for extended
battery life
Generates 3.3V at 100mA from single AA
cell
Stable with ceramic output capacitor
The PS0100 is available in small SOT-26 package
with both fixed and adjustable output voltage
versions.
Low profile 6-Leads SOT-26 package
APPLICATIONS
MP3 / MP4 players
PDAs and organizers
Digital cameras
Wireless mice/ keyboards
Portable medical equipment
Cordless phones
Wireless Headsets
TYPICAL APPLICATION CIRCUIT


Similar Part No. - PS0100-3.3

ManufacturerPart #DatasheetDescription
logo
CUI INC
PS01 CUI-PS01 Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A100KP-3W CUI-PS01-A100KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A250KP-3W CUI-PS01-A250KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A350KP-3W CUI-PS01-A350KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A600KP-3W CUI-PS01-A600KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
More results

Similar Description - PS0100-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com