Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1031-QK-0L00 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1031-QK-0L00
Description  37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1031-QK-0L00 Datasheet(HTML) 1 Page - Mimix Broadband

  XP1031-QK-0L00 Datasheet HTML 1Page - Mimix Broadband XP1031-QK-0L00 Datasheet HTML 2Page - Mimix Broadband XP1031-QK-0L00 Datasheet HTML 3Page - Mimix Broadband XP1031-QK-0L00 Datasheet HTML 4Page - Mimix Broadband XP1031-QK-0L00 Datasheet HTML 5Page - Mimix Broadband XP1031-QK-0L00 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
37.0-42.0 GHz GaAs Power Amplifier
QFN, 7x7mm
Linear Power Amplifier
Output Power Adjust
23.0 dB Small Signal Gain
+25.0 dBm P1dB Compression Point
+35.0 dBm OIP3
Features
Page 1 of 6
Electrical Characteristics for 37 - 40 GHz
(AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11)
Input Return Loss (S11) with External Match
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Output Power for 1dB Compression (P1dB)
Output IM3 with Pout (scl) = 18 dBm
Output IM3 with Pout (scl) = 15 dBm
Drain Bias Voltage (Vd)
Gate Bias Voltage (Vg)
Supply Current (Id1) (Vd=5.0V, Vg=-0.7V Typical)
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBc
dBc
VDC
VDC
mA
Min.
37.0
4.0
8.0
8.0
21.0
-
-
-
28.0
38.0
-
-1.0
-
Typ.
-
5.0
10.0
12.0
23.0
+/-1.0
45.0
+25.0
+35.0
40.0
+5.0
-0.3
600
Max.
42.0
-
-
-
-
-
-
-
-
-
+5.5
0.0
675
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2007 - Rev 25-Sep-07
P1031-QK
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
ESD - Human Body Model
ESD - Machine Body Model
+6.0 VDC
800 mA
+0.3 VDC
+5.0 dBm
-65 to +165 deg C
-55 to MTTF Table1
MTTF Table1
Class 1A
Class M1
(1) Channel temperature affects a device’s MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life
Mimix Broadband’s four stage 37.0-42.0 GHz SMD
GaAs MMIC power amplifier has a small signal gain of
23.0 dB with a +35.0 dBm Output Third Order
Intercept. This MMIC uses Mimix Broadband’s 0.15 µm
GaAs PHEMT device model technology, and is based
upon electron beam lithography to ensure high
repeatability and uniformity. The device comes in a
RoHS compliant 7x7mm QFN Surface Mount Package
offering excellent RF and thermal properties. This
device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
General Description


Similar Part No. - XP1031-QK-0L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
   Linear Power Amplifier
More results

Similar Description - XP1031-QK-0L00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
XP1031-BD MIMIX-XP1031-BD Datasheet
1Mb / 1P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1018-BD MIMIX-XP1018-BD Datasheet
358Kb / 8P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD Datasheet
353Kb / 8P
   37.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XX1001-QK MIMIX-XX1001-QK Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK MIMIX-XX1001-QK_07 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XU1003-QD MIMIX-XU1003-QD Datasheet
322Kb / 6P
   19.0-26.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD MIMIX-XU1002-QD_07 Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com