Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1016-BD-EV1 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XP1016-BD-EV1
Description  43.5-46.5 GHz GaAs MMIC Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1016-BD-EV1 Datasheet(HTML) 4 Page - Mimix Broadband

  XP1016-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XP1016-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XP1016-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XP1016-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XP1016-BD-EV1 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
App Note [1] Biasing
- It is recommended to separately bias each amplifier stage Vd1 through Vd3 at Vd(1,2,3)=5.0V with Id1=Id2=180mA and
Id3=360mA. Separate biasing is recommended if the amplifier is to be used at high levels of saturation, where gate rectification will alter the
effective gate control voltage. For non-critical applications it is possible to parallel all stages and adjust the common gate voltage for a total drain
current Id(total)=720 mA. It is also recommended to use active biasing to keep the currents constant as the RF power and temperature vary; this
gives the most reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a
single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of
the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed to do this is -0.5V. Typically the
gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is
available before applying the positive drain supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain or gate pad DC bypass
capacitors (~100-200 pF) can be combined. Additional DC bypass capacitance (~0.01 uF) is also recommended to all DC or combination (if gate or
drains are tied together) of DC bias pads. All DC pads have been tied together on chip and can be biased from either side.
For Individual Stage Bias (Recommended for saturated applications) -- Each DC pad (Vd1,2,3 and Vg1,2,3) needs to have DC bypass capacitance
(~100-200 pF) as close to the device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended. All DC pads have been tied
together on chip and can be biased from either side.
MTTFTables (TBD)
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Page 4 of 5
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
165.2 deg Celsius
191.4 deg Celsius
217.1 deg Celsius
FITs
1.37E+02
1.28E+03
9.13E+03
MTTF Hours
7.30E+06
7.79E+05
1.10E+05
Rth
78.5º C/W
83.0º C/W
87.0º C/W
Bias Conditions: Vd=5V, Id1=Id2=180 mA, Id3=360 mA
1
2
3
R=20 Ohm
1
2
3
R=16 Ohm
R=20 Ohm
R=15 Ohm
R=20 Ohm
1
2
3
1
2
3
R=16 Ohm
R=20 Ohm
R=20 Ohm
R=16 Ohm
R=15 Ohm
R=20 Ohm
R=16 Ohm
VG1A
VD1A
VG2A
VD2A
VG3A
VD3A
VG1B
VD1B
VG2B
VD2B
VG3B
VD3B
RFIN
RFOUT
Device Schematic
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 11-Aug-07
P1016-BD


Similar Part No. - XP1016-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
More results

Similar Description - XP1016-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1015-BD MIMIX-XP1015-BD_10 Datasheet
1,002Kb / 8P
   43.5-46.5 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
   40.5 - 43.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com