Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1015-BD-EV1 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XP1015-BD-EV1
Description  43.5-46.5 GHz GaAs MMIC Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1015-BD-EV1 Datasheet(HTML) 5 Page - Mimix Broadband

  XP1015-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XP1015-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XP1015-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XP1015-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XP1015-BD-EV1 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Page 5 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 10-Aug-07
P1015-BD
Handling and Assembly Information
Ordering Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body
and the environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these
by-products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product.This product must be discarded in
accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein:
(1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided
in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any
component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the
life support device or system, or to affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in antistatic
containers, which should be opened in cleanroom conditions at an appropriately grounded anti-static workstation. Devices
need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.100 mm (0.004") thick and have vias through to the backside to
enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The mounting surface
should be clean and flat. If using conductive epoxy, recommended epoxies are Tanaka TS3332LD, Die Mat DM6030HK or
DM6030HK-Pt cured in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy sparingly to avoid getting any
on to the top surface of the die. An epoxy fillet should be visible around the total die periphery. For additional information
please see the Mimix "Epoxy Specifications for Bare Die" application note. If eutectic mounting is preferred, then a fluxless
gold-tin (AuSn) preform, approximately 0.0012 thick, placed between the die and the attachment surface should be used. A die
bonder that utilizes a heated collet and provides scrubbing action to ensure total wetting to prevent void formation in a
nitrogen atmosphere is recommended. The gold-tin eutectic (80% Au 20% Sn) has a melting point of approximately 280 ºC
(Note: Gold Germanium should be avoided). The work station temperature should be 310 ºC +/- 10 ºC. Exposure to these
extreme temperatures should be kept to minimum. The collet should be heated, and the die pre-heated to avoid excessive
thermal shock. Avoidance of air bridges and force impact are critical during placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold
bond pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99% pure gold
ribbon with 0.5-2% elongation to minimize RF port bond inductance. Gold 0.025 mm (0.001") diameter wedge or ball bonds
are acceptable for DC Bias connections. Aluminum wire should be avoided. Thermo-compression bonding is recommended
though thermosonic bonding may be used providing the ultrasonic content of the bond is minimized. Bond force, time and
ultrasonics are all critical parameters. Bonds should be made from the bond pads on the die to the package or substrate. All
bonds should be as short as possible.
Part Number for Ordering
Description
XP1015-BD-000V
Where “V” is RoHS compliant die packed in vacuum release gel paks
XP1015-BD-EV1
XP1015 die evaluation module


Similar Part No. - XP1015-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1015-BD MIMIX-XP1015-BD Datasheet
1,002Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1015-BD MIMIX-XP1015-BD_10 Datasheet
1,002Kb / 8P
   43.5-46.5 GHz GaAs MMIC
More results

Similar Description - XP1015-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1015-BD MIMIX-XP1015-BD_10 Datasheet
1,002Kb / 8P
   43.5-46.5 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
   40.5 - 43.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com