Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XP1015-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part No. XP1015-BD
Description  43.5-46.5 GHz GaAs MMIC Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1015-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XP1015-BD Datasheet HTML 1Page - Mimix Broadband XP1015-BD Datasheet HTML 2Page - Mimix Broadband XP1015-BD Datasheet HTML 3Page - Mimix Broadband XP1015-BD Datasheet HTML 4Page - Mimix Broadband XP1015-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mimix Broadband's three stage balanced 43.5 - 46.5
GHz GaAs MMIC power amplifier has a small signal
gain of 13.0 dB with a +31.0 dBm P1dB output
compression point. The device also includes Lange
couplers to achieve good input and output return loss.
This MMIC uses Mimix Broadband’s 0.15 µm GaAs
PHEMT device model technology, and is based upon
electron beam lithography to ensure high
repeatability and uniformity. The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die attach
process. This device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Excellent Saturated Output Stage
Balanced Design Provides Good Input/Output Match
13.0 dB Small Signal Gain
+31.0 dBm P1dB Compression Point
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Output Power for 1dB Compression (P1dB)
Drain Bias Voltage (Vd1,2,3)
Gate Bias Voltage (Vg1,2,3)
Supply Current (Id1) (Vd=5.0V, Vg=-0.5V Typical)
Supply Current (Id2) (Vd=5.0V, Vg=-0.5V Typical)
Supply Current (Id3) (Vd=5.0V, Vg=-0.5V Typical)
Units
GHz
dB
dB
dB
dB
dB
dBm
VDC
VDC
mA
mA
mA
Min.
43.5
-
-
-
-
-
-
-
-1.0
-
-
-
Typ.
-
20.0
20.0
13.0
+/-1.0
45.0
+31.0
+5.0
-0.5
720
720
1440
Max.
46.5
-
-
-
-
-
-
+5.5
0.0
860
860
1740
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,2,3)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
945,945,1915 mA
+0.3 VDC
+26 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 5
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 10-Aug-07
2
(2) Measured using constant current.
P1015-BD


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn