Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1014-BD-EV1 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XP1014-BD-EV1
Description  8.5-11.0 GHz GaAs MMIC Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1014-BD-EV1 Datasheet(HTML) 4 Page - Mimix Broadband

  XP1014-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XP1014-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XP1014-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XP1014-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XP1014-BD-EV1 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8.5-11.0 GHz GaAs MMIC
Power Amplifier
Page 4 of 5
August 2007 - Rev 03-Aug-07
P1014-BD
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
App Note [1] Biasing -
This device has been designed with two options for biasing. Vg1 applies gate bias through an active, on-chip
bias circuit and Vg2 applies gate bias through a resistive divider. Using the first option and applying a nominal bias of Vg1=-5.0V and
Vd (1,2)=8.0V will typically yield a total drain current Id(TOTAL)=450mA. Alternatively, the drain current can be regulated by setting
Vg2=-5.0V and Vd(1,2)=8.0V which will typically yield a total drain current Id(TOTAL)=450mA. It is recommended to use active biasing
to keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Also, make sure to
sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement -
Each DC pad (Vd1, 2 and Vg or Vgg) needs to have DC bypass capacitance (~100-200 pF) as close to the device as possible. Additional
DC bypass capacitance (~0.01 uF) is also recommended.
MTTF
Bias Conditions: Vd1=Vd2=8.0V, Id(TOTAL)=450 mA
XP1014 MTTF vs. Backplate Temperature and Pulsed Duty Cycle
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
20
30
40
50
60
70
80
90
100
110
120
Backplate Temp (C)
100% DC
50% DC
30% DC
10% DC
MTTF is calculated from accelerated life-time data of single devices and assumes isothermal back-plate.


Similar Part No. - XP1014-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1014-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006-BD MIMIX-XP1006-BD Datasheet
225Kb / 8P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Mimix Broadband
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
15MPA0566 MIMIX-15MPA0566 Datasheet
149Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA_07 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com