Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1011-BD-EV1 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP1011-BD-EV1
Description  36.0-40.0 GHz GaAs MMIC Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1011-BD-EV1 Datasheet(HTML) 3 Page - Mimix Broadband

  XP1011-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XP1011-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XP1011-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XP1011-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XP1011-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XP1011-BD-EV1 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Velocium Products
18 - 20 GHz HPA
- APH478
Page 3 of 6
S-Parameters
Measured Perfor mance Characteristics (Typical Perfor mance at 25°C)
Vd1 = Vd2 = Vd3 = 5 V, Id 1 = 100 mA, Id2 = Id3 = 270 mA
Freq GHz S11 Mag
S11 A ng
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 A ng
36
0.257
169.682
9.752
17.572
0
88.316
0.7
154.857
36.5
0.219
157.254
10.085
-6.541
0.001
137.979
0.672
149.661
37
0.189
139.742
10.462
-30.842
0.001
149.628
0.634
144.58
37.5
0.163
113.77
10.644
-55.166
0.001
141.639
0.585
139.033
38
0.152
80.829
10.783
-79.904
0.002
138.863
0.528
134.176
38.5
0.178
53.538
10.781
-104.619
0.002
128.236
0.468
130.614
39
0.241
32.765
10.87
-129.024
0.002
119.139
0.409
128.032
39.5
0.304
16.271
10.802
-154.302
0.002
132.162
0.362
126.503
40
0.376
2.791
10.806
179.147
0.002
114.772
0.322
124.381
40.5
0.455
-8.622
10.596
151.874
0.003
127.58
0.28
121.51
41
0.539
-19.504
10.206
123.1
0.004
105.152
0.248
118.15
41.5
0.606
-29.153
9.615
93.208
0.004
86.51
0.217
110.228
42
0.662
-38.825
8.547
62.374
0.004
59.679
0.175
94.873
36.0-40.0 GHz GaAs MMIC
Power Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 19-Apr-07
P1011-BD


Similar Part No. - XP1011-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1011-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1017 MIMIX-XP1017 Datasheet
251Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
XP1017-BD MIMIX-XP1017-BD Datasheet
595Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
   26.0-40.0 GHz GaAs MMIC Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XB1002 MIMIX-XB1002 Datasheet
412Kb / 6P
   36.0-43.0 GHz GaAs MMIC Buffer Amplifier
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com