Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XP1006-FA Datasheet(PDF) 5 Page - Mimix Broadband

Part No. XP1006-FA
Description  8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1006-FA Datasheet(HTML) 5 Page - Mimix Broadband

  XP1006-FA_07 Datasheet HTML 1Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 2Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 3Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 4Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 5Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
MTTF
XP1006-FA, MTTF with RF Power Applied
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
20
30
40
50
60
70
80
90
100
110
120
Backplate Temperature (C)
100% DC duty cycle
50% DC duty cycle
30% DC duty cycle
10% DC duty cycle
XP1006-FA, MTTF without RF Power
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
20
30
40
50
60
70
80
90
100
110
120
Backplate Temperature (C)
100% DC duty cycle
50% DC duty cycle
30% DC duty cycle
10% DC duty cycle
MTTF is calculated from accelerated life-time data of single devices and assumes an isothermal back-plate.
App Note [1] Biasing - This device is biased with Vd(1,2,3) = 8.0V and 4.0 A (pin 6,10). The drain current is controlled by the gate bias
with a typical value of Vg = -0.6V (pin 1). It is recommended to use active biasing to keep the currents constant as the RF power and
temperature vary; this gives the most reproducible results. The recommended power-up sequence is described below:
1. Apply -2.0 V to Vg
2. Apply +8.0 V to Vd(1,2,3)
3. Adjust Vg to achieve nominal drain current
4. Apply RF power
5. Re-adjust Vg to maintain nominal drain current.
Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low
power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the pHEMT
is controlled to maintain correct drain current and thus drain voltage.
8.5-11.0 GHz GaAs Power Amplifier
Flange, 10 pin
P1006-FA
August 2007 - Rev 21-Aug-07


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn