Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XP1006-FA Datasheet(PDF) 2 Page - Mimix Broadband

Part No. XP1006-FA
Description  8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1006-FA Datasheet(HTML) 2 Page - Mimix Broadband

  XP1006-FA_07 Datasheet HTML 1Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 2Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 3Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 4Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 5Page - Mimix Broadband XP1006-FA_07 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Power Amplifier Measurements (Pulsed Mode F=10kHz, Duty Cycle=5%,TA=25ºC)
Psat (dBm), Pin = 19 dBm (25 devices)
0
5
10
15
20
25
30
35
40
45
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Psat (dBm), Pin = 19 dBm (25 devices)
34
35
36
37
38
39
40
41
42
43
44
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Large Signal Gain (dB), Pin = 19 dBm (25 devices)
0
5
10
15
20
25
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Large Signal Gain (dB), Pin = 19 dBm (25 devices)
15
16
17
18
19
20
21
22
23
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
PAE (%), Pin = 19 dBm (25 devices)
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Drain Currents (A), 5 us pulse, Pin = 19 dBm (25 devices)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
8.5-11.0 GHz GaAs Power Amplifier
Flange, 10 pin
P1006-FA
August 2007 - Rev 21-Aug-07


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn