Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1006-BD-000V Datasheet(PDF) 6 Page - Mimix Broadband

Part # XP1006-BD-000V
Description  8.5-11.0 GHz GaAs MMIC Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1006-BD-000V Datasheet(HTML) 6 Page - Mimix Broadband

  XP1006-BD-000V Datasheet HTML 1Page - Mimix Broadband XP1006-BD-000V Datasheet HTML 2Page - Mimix Broadband XP1006-BD-000V Datasheet HTML 3Page - Mimix Broadband XP1006-BD-000V Datasheet HTML 4Page - Mimix Broadband XP1006-BD-000V Datasheet HTML 5Page - Mimix Broadband XP1006-BD-000V Datasheet HTML 6Page - Mimix Broadband XP1006-BD-000V Datasheet HTML 7Page - Mimix Broadband XP1006-BD-000V Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6 of 8
8.5-11.0 GHz GaAs MMIC
Power Amplifier
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
August 2007 - Rev 03-Aug-07
P1006-BD
App Note [1] Biasing
- This device is biased by applying Vd(1,2,3) = 8.0V with a total drain current I(total)=4.2 A. The gate bias can be applied in one
of three ways by using either Vgg (Pin #2), Vgr (pin #18) or Vg (pin #3 or #17).
1) Vgg (pin #2) applies a scaled gate voltage to all FETs through a FET / resistor divider (Vto compensated) bias network. Applying -5V to Vgg (pin #2)
will typically draw 4.2A with no further adjustment necessary. Wafer lot variation may result in some devices experiencing higher or lower drain
currents than the typical 4.2A.
2) Vgr (pin #18) applies a scaled gate bias to all FETs through a resistive divider network. Applying -5V to Vgr (pin #18) will typically draw 4.2A,
however, the gate bias will need to be actively adjusted to regulate the desired drain current.
3) Vg (pin #3 or pin #17) provides a direct gate bias input to all the MMIC stages. This method of biasing allows the user to control the total drain
current, without the scaling factor. The typically gate bias for operation is -0.9V.
Make sure to sequence the applied voltage to ensure that negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement
- Each DC pad (Vd1,2,3 and Vg1,2,3 or Vgg) needs to have DC bypass capacitance (~100-200 pF) as close to the
device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
App Note [3] Further Information
- More application information is available on our website under Products -> Product Support ->
Application Notes. Please refer to “Application of Mimix Broadband's X-Band, 10-Watt Power Amplifier MMIC” and “Epoxy Die Attach Considerations
for HPA MMICs.”
Bias Arrangement
Bypass Capacitors - See App Note [2]
XP1006
RF Out
Vd1a,2a,3a
Vgg
RF In
Vd1b,2b,3b
1
2
3 4
5
6
10
11
12
13
14
15
16
17
18
9
8
7
XP1006
MIMIX BROADBAND
10004966
TNO COPYRIGHT 2005
X=4940
Y=4290
Vd2a
RF In
RF Out
Vd1a
Vd3a
Vd2b
Vd3b
Vd1b
Vgg


Similar Part No. - XP1006-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-0N00 MIMIX-XP1006-FA-0N00 Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-0N00 MIMIX-XP1006-FA-0N00 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-EV1 MIMIX-XP1006-FA-EV1 Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
More results

Similar Description - XP1006-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1014-BD MIMIX-XP1014-BD Datasheet
136Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Mimix Broadband
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
15MPA0566 MIMIX-15MPA0566 Datasheet
149Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA_07 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com