Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8624XS Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8624XS
Description  250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8624XS Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8624XS Datasheet HTML 6Page - SG Micro Corp SGM8624XS Datasheet HTML 7Page - SG Micro Corp SGM8624XS Datasheet HTML 8Page - SG Micro Corp SGM8624XS Datasheet HTML 9Page - SG Micro Corp SGM8624XS Datasheet HTML 10Page - SG Micro Corp SGM8624XS Datasheet HTML 11Page - SG Micro Corp SGM8624XS Datasheet HTML 12Page - SG Micro Corp SGM8624XS Datasheet HTML 13Page - SG Micro Corp SGM8624XS Datasheet HTML 14Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SGM8621/2/3 /4
10
Typical Application Circuits
Differential Amplifier
The circuit shown in Figure 4 performs the difference function.
If the resistors ratios are equal ( R4 / R3 = R2 / R1 ), then
VOUT = ( Vp – Vn ) × R2 / R1 + Vref.
Vn
Vp
VOUT
SGM8621
Vref
R1
R2
R3
R4
Figure 4. Differential Amplifier
Instrumentation Amplifier
The circuit in Figure 5 performs the same function as that in
Figure 4 but with the high input impedance.
Vn
Vp
SGM8621
Vref
R1
R2
R3
R4
VOUT
SGM8621
SGM8621
Figure 5. Instrumentation Amplifier
Low Pass Active Filter
The low pass filter shown in Figure 6 has a DC gain of (-R2/R1)
and the –3dB corner frequency is 1/2
πR2C. Make sure the filter
is within the bandwidth of the amplifier. The Large values of
feedback resistors can couple with parasitic capacitance and
cause undesired effects such as ringing or oscillation in
high-speed amplifiers. Keep resistors value as low as possible
and consistent with output loading consideration.
VIN
VOUT
SGM8621
R1
R2
R3=R1//R2
C
Figure 6. Low Pass Active Filter


Similar Part No. - SGM8624XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8624XS14/TR SGMICRO-SGM8624XS14/TR Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - SGM8624XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Unisonic Technologies
LV2622 UTC-LV2622 Datasheet
215Kb / 8P
   250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
TLV3544-Q1 TI1-TLV3544-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifier for Automotive
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com