Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8654XTS Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM8654XTS
Description  50MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8654XTS Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM8654XTS Datasheet HTML 4Page - SG Micro Corp SGM8654XTS Datasheet HTML 5Page - SG Micro Corp SGM8654XTS Datasheet HTML 6Page - SG Micro Corp SGM8654XTS Datasheet HTML 7Page - SG Micro Corp SGM8654XTS Datasheet HTML 8Page - SG Micro Corp SGM8654XTS Datasheet HTML 9Page - SG Micro Corp SGM8654XTS Datasheet HTML 10Page - SG Micro Corp SGM8654XTS Datasheet HTML 11Page - SG Micro Corp SGM8654XTS Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SGM8651/2/3/4/5
APPLICATION NOTES
Driving Capacitive Loads
The SGM865x can directly drive 47pF in unity-gain without
oscillation. The unity-gain follower (buffer) is the most sensitive
configuration to capacitive loading. Direct capacitive loading
reduces the phase margin of amplifiers and this results in
ringing or even oscillation. Applications that require greater
capacitive drive capability should use an isolation resistor
between the output and the capacitive load like the circuit in
Figure 1. The isolation resistor RISO and the load capacitor CL
form a zero to increase stability. The bigger the RISO resistor
value, the more stable VOUT will be. Note that this method
results in a loss of gain accuracy because RISO forms a voltage
divider with the RLOAD.
VIN
VOUT
SGM8651
CL
RISO
Figure 1. Indirectly Driving Heavy Capacitive Load
An improvement circuit is shown in Figure 2. It provides DC
accuracy as well as AC stability. RF provides the DC accuracy
by connecting the inverting signal with the output. CF and RIso
serve to counteract the loss of phase margin by feeding the
high frequency component of the output signal back to the
amplifier’s inverting input, thereby preserving phase margin in
the overall feedback loop.
VIN
VOUT
SGM8651
CL
RISO
RL
RF
CF
Figure 2. Indirectly Driving Heavy Capacitive Load with DC
Accuracy
For no-buffer configuration, there are two others ways to
increase the phase margin: (a) by increasing the amplifier’s
gain or (b) by placing a capacitor in parallel with the feedback
resistor to counteract the parasitic capacitance associated with
inverting node.
Power-Supply Bypassing and Layout
The SGM865x family operates from either a single +2.7V to
+5.5V supply or dual ±1.35V to ±2.75V supplies. For
single-supply operation, bypass the power supply VDD with a
0.1µF ceramic capacitor which should be placed close to the
VDD pin. For dual-supply operation, both the VDD and the VSS
supplies should be bypassed to ground with separate 0.1µF
ceramic capacitors. 2.2µF tantalum capacitor can be added for
better performance.
Good PC board layout techniques optimize performance by
decreasing the amount of stray capacitance at the op amp’s
inputs and output. To decrease stray capacitance, minimize
trace lengths and widths by placing external components as
close to the device as possible. Use surface-mount
components whenever possible.
For the high speed operational amplifier, soldering the part to
the board directly is strongly recommended. Try to keep the
high frequency big current loop area small to minimize the EMI
(electromagnetic interfacing).
SGM8651
VDD
Vn
Vp
VSS
VOUT
10µF
0.1µF
10µF
0.1µF
SGM8651
Vn
Vp
VDD
VSS(GND)
VOUT
10µF
0.1µF
Figure 3. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for high speed circuit design.
The length of the current path speed currents in an inductive
ground return will create an unwanted voltage noise. Broad
ground plane areas will reduce the parasitic inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output signal
traces should not be parallel. This helps reduce unwanted
positive feedback.


Similar Part No. - SGM8654XTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8654XTS14/TR SGMICRO-SGM8654XTS14/TR Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8654XTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com