Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8622XMS Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM8622XMS
Description  250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8622XMS Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM8622XMS Datasheet HTML 2Page - SG Micro Corp SGM8622XMS Datasheet HTML 3Page - SG Micro Corp SGM8622XMS Datasheet HTML 4Page - SG Micro Corp SGM8622XMS Datasheet HTML 5Page - SG Micro Corp SGM8622XMS Datasheet HTML 6Page - SG Micro Corp SGM8622XMS Datasheet HTML 7Page - SG Micro Corp SGM8622XMS Datasheet HTML 8Page - SG Micro Corp SGM8622XMS Datasheet HTML 9Page - SG Micro Corp SGM8622XMS Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SGM8621/2/3 /4
TYPICAL PERFORMANCE CHARACTERISTICS
(At TA = +25℃,VCM = Vs/2, RL= 600Ω, unless otherwise noted)
Open-Loop Gain vs.Temperature
70
80
90
100
110
120
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
RL = 600
Ω
RL = 10K
Ω
Supply Current vs.Temperature
150
175
200
225
250
275
300
325
350
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
VS = 5V
VS = 3V
VS = 2.5V
Shutdown Current vs.Temperature
0
30
60
90
120
150
180
210
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
VS = 5V
VS = 3V
VS = 2.5V
Output Voltage Swing vs.Output Current
0
1
2
3
4
5
0
10
20304050
6070
Output Current(mA)
25
135
-50
25
135
-50
VS = 5V
Sourcing Current
Sinking Current
Output Voltage Swing vs.Output Current
0
1
2
3
0
1020
304050
Output Current(mA)
25
135
-50
VS = 3V
Sourcing Current
Sinking Current
Closed-Loop Output Voltage Swing
0
0.5
1
1.5
2
2.5
3
10
100
1000
10000
Frequency(kHz)
Vs = 2.7V
VIN = 2.6VP-P
TA = 25℃
RL = 10K
Ω
G = 1


Similar Part No. - SGM8622XMS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8622XMS/TR SGMICRO-SGM8622XMS/TR Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - SGM8622XMS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Unisonic Technologies
LV2622 UTC-LV2622 Datasheet
215Kb / 8P
   250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
TLV3544-Q1 TI1-TLV3544-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifier for Automotive
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com