Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9111YS Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM9111YS
Description  8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9111YS Datasheet(HTML) 1 Page - SG Micro Corp

  SGM9111YS Datasheet HTML 1Page - SG Micro Corp SGM9111YS Datasheet HTML 2Page - SG Micro Corp SGM9111YS Datasheet HTML 3Page - SG Micro Corp SGM9111YS Datasheet HTML 4Page - SG Micro Corp SGM9111YS Datasheet HTML 5Page - SG Micro Corp SGM9111YS Datasheet HTML 6Page - SG Micro Corp SGM9111YS Datasheet HTML 7Page - SG Micro Corp SGM9111YS Datasheet HTML 8Page - SG Micro Corp SGM9111YS Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SGM9111
PRODUCT DESCRIPTION
The SGM9111 is single rail-to-rail 3-pole output
reconstruction filter with a -3dB bandwidth of 8MHz
and a slew rate of 40V/µs. Operating from single
supplies ranging from +2.5V to +5.5V and sinking an
ultra-low 2.65mA quiescent current, the SGM9111 is
ideally
suited
for
low
power,
battery-operated
applications.
The output swings within 100mV of GND and 170mV to
V+ with a standard back-terminated video load (150Ω).
SGM9111 employs an internal level shift circuit that
avoids sync-pulse clipping and allows DC-coupled
output.
It has lead (Pb) free SO-8 package.
BLOCK DIAGRAM
OUT
SGM9111
3-Pole
Filter
6dB
Level
Shifter
IN
+VS
GND
+VS =2.5V to 5.5V
8MHz Rail-to-Rail Composite
Video Driver with 6dB Gain
FEATURES
• Low Cost
• Excellent Video Performance
• 3-Pole Reconstruction Filter
• Internal Gain: 6dB
• Rail-to-Rail Output
• Input Voltage Range Includes Ground
AC-Coupled Input
• Operates on 2.5 V to 5.5 V Single-Supplies
• Low Power
2.65 mA Typical Supply Current
• Small Packaging
SGM9111 Available in SO-8
APPLICATIONS
Video amplifiers
Cable and Satellite set top boxes
Communications devices
Video on demand
Portable and handheld products
Personal video recorders
DVD players
HDTV
PIN CONFIGURATION (Top View)
+VS
OUT
NC
IN
1
2
3
4
5
6
7
8
NC
GND
NC
NC
SGM9111
SO-8
NC = NO CONNECT
Rev. C
SG Microelectronics Co, Ltd
Tel: 86/10/51798160/80
www.sg-micro.com


Similar Part No. - SGM9111YS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9111YS/TR SGMICRO-SGM9111YS/TR Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
More results

Similar Description - SGM9111YS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9110 SGMICRO-SGM9110 Datasheet
542Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com