Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8532XS Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8532XS
Description  500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8532XS Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8532XS Datasheet HTML 1Page - SG Micro Corp SGM8532XS Datasheet HTML 2Page - SG Micro Corp SGM8532XS Datasheet HTML 3Page - SG Micro Corp SGM8532XS Datasheet HTML 4Page - SG Micro Corp SGM8532XS Datasheet HTML 5Page - SG Micro Corp SGM8532XS Datasheet HTML 6Page - SG Micro Corp SGM8532XS Datasheet HTML 7Page - SG Micro Corp SGM8532XS Datasheet HTML 8Page - SG Micro Corp SGM8532XS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SGM8531/8532/8534
TYPICAL PERFORMANCE CHARACTERISTICS
At TA= +25℃, VS = +5V, and RL=200k
Ω connected to Vs/2,unless otherwise noted.
Small-Signal Step Response
Small-Signal Step Response
10µs/div
10µs/div
Small-Signal Overshoot vs.Load Capacitance
0
10
20
30
40
50
60
10
100
1000
10000
Load Capacitance(pF)
G = +1
RL = 200K
Ω
G = -1
RFB = 5K
Ω
G = -1
RFB=100K
Ω
Small-Signal Overshoot vs.Load Capacitance
0
10
20
30
40
50
60
10
100
1000
10000
Load Capacitance(pF)
G = -5
RFB = 100K
Ω
Maximum Output Voltage vs.Frequency
0
1
2
3
4
5
6
1
10
100
1000
Frequency(kHz)
Maximum Output Voltage
Without Slew-Rate
Induced Distortion
VS = 5.5V
VS = 5V
VS = 2.5V
G = +1
CL = 100pF
RL = 5K
G = +1
CL = 100pF
RL = 200K
G = +1
CL = 100pF
RL = 200K
Large-Signal Step Response
20µs/div


Similar Part No. - SGM8532XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8532 SGMICRO-SGM8532 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8532 SGMICRO-SGM8532 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8532 SGMICRO-SGM8532_15 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8532XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com