Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8054XTS14 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8054XTS14
Description  250MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8054XTS14 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8054XTS14 Datasheet HTML 6Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 7Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 8Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 9Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 10Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 11Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 12Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 13Page - SG Micro Corp SGM8054XTS14 Datasheet HTML 14Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SGM8051/2/3/4/5
10
Typical Application Circuits
Differential Amplifier
The circuit shown in Figure 3 performs the difference function.
If the resistors ratios are equal ( R4 / R3 = R2 / R1 ), then
VOUT = ( Vp – Vn ) × R2 / R1 + Vref.
Vn
Vp
VOUT
SGM8051
Vref
R1
R2
R3
R4
Figure 3. Differential Amplifier
Low Pass Active Filter
The low pass filter shown in Figure 4 has a DC gain of (-R2/R1)
and the –3dB corner frequency is 1/2
πR2C. Make sure the
filter is within the bandwidth of the amplifier. The Large values
of feedback resistors can couple with parasitic capacitance
and cause undesired effects such as ringing or oscillation in
high-speed amplifiers. Keep resistors value as low as
possible and consistent with output loading consideration.
VIN
VOUT
SGM8051
R1
R2
R3=R1//R2
C
Figure 4. Low Pass Active Filter
Driving Video
The SGM805x can be used in video applications like in Figure 5.
VIN
SGM8051
RG
RF
75
Ω
75
Ω
CABLE
VOUT
75
Ω
G = 1 + RF / RG
Figure 5. Typical Video Driving


Similar Part No. - SGM8054XTS14

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8054XTS14/TR SGMICRO-SGM8054XTS14/TR Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8054XTS14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8052 SGMICRO-SGM8052_15 Datasheet
491Kb / 20P
   250MHz, Rail-to-Rail Output
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com