Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8534 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8534
Description  500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8534 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8534 Datasheet HTML 1Page - SG Micro Corp SGM8534 Datasheet HTML 2Page - SG Micro Corp SGM8534 Datasheet HTML 3Page - SG Micro Corp SGM8534 Datasheet HTML 4Page - SG Micro Corp SGM8534 Datasheet HTML 5Page - SG Micro Corp SGM8534 Datasheet HTML 6Page - SG Micro Corp SGM8534 Datasheet HTML 7Page - SG Micro Corp SGM8534 Datasheet HTML 8Page - SG Micro Corp SGM8534 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SGM8531/8532/8534
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8531XN5/TR
SOT23-5
Tape and Reel, 3000
8531
SGM8531
SGM8531XS/TR
SO-8
Tape and Reel, 2500
SGM8531XS
SGM8532XS/TR
SO-8
Tape and Reel, 2500
SGM8532XS
SGM8532
SGM8532XMS/TR
MSOP-8
Tape and Reel, 3000
SGM8532XMS
SGM8534XS/TR
SO-16
Tape and Reel, 2500
SGM8534XS
SGM8534XS14
SO-14
Tube
SGM8534XS14
SGM8534XTS/TR
TSSOP-16
Tape and Reel, 3000
SGM8534XTS
SGM8534
SGM8534XTS14
TSSOP-14
Tube
SGM8534XTS14
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- ........................................... 7.5 V
Common-Mode Input Voltage
.................
......................... (–VS) – 0.5 V to (+VS )+0.5V
Storage Temperature Range.................. –65℃ to +150℃
Junction Temperature ................................................160℃
Operating Temperature Range ............ –55℃ to +150℃
Package Thermal Resistance @ TA = 25℃
SOT23-5, θJA........................
...................................... 190 /W
SO-8, θJA.............................
.........................................125 /W
MSOP-8, θJA..............
................................................ 216 /W
SO-16, θJA...................
.................................................. 82 /
℃ W
TSSOP-16, θJA................
............................................ 105 /W
Lead Temperature Range (Soldering 10 sec)
.....................................................260℃
ESD Susceptibility
HBM............................................
....................................4000V
MM...............................
.....................................................400V
NOTES
1. Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD.
Shengbang Micro-electronics recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to
damage because very small parametric changes could
cause
the
device
not
to
meet
its
published
specifications.


Similar Part No. - SGM8534

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8534 SGMICRO-SGM8534 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8534 SGMICRO-SGM8534 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8534 SGMICRO-SGM8534_15 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8534

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com