Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8093 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM8093
Description  350MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8093 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM8093 Datasheet HTML 2Page - SG Micro Corp SGM8093 Datasheet HTML 3Page - SG Micro Corp SGM8093 Datasheet HTML 4Page - SG Micro Corp SGM8093 Datasheet HTML 5Page - SG Micro Corp SGM8093 Datasheet HTML 6Page - SG Micro Corp SGM8093 Datasheet HTML 7Page - SG Micro Corp SGM8093 Datasheet HTML 8Page - SG Micro Corp SGM8093 Datasheet HTML 9Page - SG Micro Corp SGM8093 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SGM8091/2/3/4
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25℃, VS = +5V, G = +2, RF = 600
Ω, RG = 600Ω, and RL= 150Ω connected to Vs/2, unless otherwise noted.
Common-Mode Rejection Ratio vs.Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency(MHz)
Power-Supply Rejection Ratio vs.Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency(MHz)
-PSRR
+PSRR
Closed-Loop Output Impedance vs.Frequency
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Frequency(MHz)
SGM8091
+
-
Zo
V+
V-
RF=600Ω
Disabled Output Isolation Frequency Response
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
Frequency(MHz)
Vo = 0.2VP-P
VDISABLE = 0V
RL = 1K
Ω
Output Settling Time To 0.1%
Time(ns)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.3
-0.4
0
10
20
30
40
50
VO = 2VP-P
0.6
-0.5
0.7
-0.2
Input Voltage Noise Spectral Density
vs.Frequency
1
10
100
1000
0.01
0.1
1
10
100
1000
10000
Frequency(kHz)


Similar Part No. - SGM8093

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8093 SGMICRO-SGM8093 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8093

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com