Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB71112 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # EVB71112
Description  868/915MHz Receiver Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71112 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  EVB71112 Datasheet HTML 1Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 2Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71112 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EVB71112
868/915MHz Receiver
Evaluation Board Description
39012 71112 01
Page 3 of 14
EVB Description
Rev. 011
June/07
1
Theory of Operation
1.1
General
With the TH71112 receiver chip, various circuit configurations can be arranged in order to meet a number of
different customer requirements. For FM/FSK reception the IF tank used in the phase coincidence
demodulator can also be constituted by a ceramic discriminator with a varactor diode to create an AFC
circuit. In ASK configuration, the RSSI signal is fed to an ASK detector, which is constituted by the
operational amplifier.
The superheterodyne configuration is double conversion where MIX1 and MIX2 are driven by the internal
local oscillator signals LO1 and LO2, respectively. This allows a high degree of image rejection, achieved in
conjunction with an RF front-end filter. Efficient RF front-end filtering is realized by using a SAW, ceramic or
helix filter in front of the LNA and by adding an LC filter at the LNA output.
A single-conversion variant, called TH71111, is also available. Both Receiver ICs have the same die. At the
TH71111 the second mixer MIX2 operates as an amplifier.
The TH71112 receiver IC consists of the following building blocks:
#
PLL synthesizer (PLL SYNTH) for generation of the first and second local oscillator signals LO1 and LO2,
parts of the PLL SYNTH are: the high-frequency VCO1, the feedback dividers DIV_16 and DIV_2,
a phase-frequency detector (PFD) with charge pump (CP) and a crystal-based reference oscillator (RO)
#
Low-noise amplifier (LNA) for high-sensitivity RF signal reception
#
First mixer (MIX1) for down-conversion of the RF signal to the first IF (IF1)
#
Second mixer (MIX2) for down-conversion of the IF1 to the second IF (IF2)
#
IF amplifier (IFA) to amplify and limit the IF2 signal and for RSSI generation
#
Phase coincidence demodulator (DEMOD) with third mixer (MIX3) to demodulate the IF signal
#
Operational amplifier (OA) for data slicing, filtering and ASK detection
#
Bias circuitry for bandgap biasing and circuit shutdown
1.2
EVB Technical Data Overview
! Input frequency range: 750 MHz to 990 MHz
! Power supply range: 2.3 V to 5.5 V @ ASK
2.7 V to 5.5 V @ FSK
! Temperature range: -40 °C to +85 °C
! Standby current: 50 nA
! Operating current: 7.5 mA @ low gain mode
9.2 mA @ high gain mode
! Sensitivity: -109 dBm @ ASK 1)
-103 dBm @ FSK 2)
! Range of first IF1: 10 MHz to 80 MHz
! Range of first IF2: 400 kHz to 22 MHz
! Maximum input level: -10 dBm @ ASK
0 dBm @ FSK
! Image rejection: > 60 dB (e.g. with 868.3 MHz
SAW front-end filter and at 10.7 MHz IF2)
! Spurious emission: < -70 dBm
! Input frequency acceptance range: up to
±100 kHz
! RSSI range: 70 dB
! FM/FSK deviation range:
±2.5 kHz to ±80 kHz
! Maximum analog modulation frequency: 15 kHz
1) at 4 kbps NRZ, BER = 3
⋅10-3, 180 kHz IF filter BW, incl. 3 dB SAW front-end-filter loss
2) at 4 kbps NRZ, BER = 3
⋅10-3, ± 20 kHz FSK deviation, 180 kHz IF filter BW, incl. 3 dB SAW front-end-
filter loss
For more detailed information, please refer to the latest TH71112 data sheet revision


Similar Part No. - EVB71112

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111-315-ASK-A MELEXIS-EVB71111-315-ASK-A Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111-315-ASK-C MELEXIS-EVB71111-315-ASK-C Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111-315-FM-A MELEXIS-EVB71111-315-FM-A Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111-315-FM-C MELEXIS-EVB71111-315-FM-C Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71112

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
   868/915MHz FSK/FM/ASK Receiver
logo
RF Micro Devices
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
   433/868/915MHZ ASK/OOK RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com