Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8067 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8067
Description  1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8067 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8067 Datasheet HTML 1Page - SG Micro Corp SGM8067 Datasheet HTML 2Page - SG Micro Corp SGM8067 Datasheet HTML 3Page - SG Micro Corp SGM8067 Datasheet HTML 4Page - SG Micro Corp SGM8067 Datasheet HTML 5Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SGM8067
3
PACKAGE/ORDERING INFORMATION
MODEL
ORDER
NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8067
SGM8067XS/TR
SO-8
Tape and Reel
SGM8067XS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- . . . . . . . . . . . . . . . . . . . . . 7.5 V
Internal Power Dissipation
SO-8 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 W
Common-Mode Input Voltage
. . . . . . . . . . . . . . . . . . . . (–VS) – 0.5 Vto (+VS) +0.5V
Storage Temperature Range . . . . . . . . .–65℃ to +150℃
Junction Temperature . . . . . . . . . . . . . . . .. . . . . . . .160℃
Operating Temperature Range . . . . . . –55℃ to +150℃
Lead Temperature Range (Soldering 10 sec)
. . . . . . . . . . .. . . . . . . . . . . . . . . . 260℃
NOTES
1. Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD. Sheng
Bang
Micro
Electronics
recommends
that
all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to
damage because very small parametric changes could
cause
the
device
not
to
meet
its
published
specifications.


Similar Part No. - SGM8067

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
More results

Similar Description - SGM8067

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com