Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB71102 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # EVB71102
Description  315/433MHz Receiver Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71102 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  EVB71102 Datasheet HTML 1Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 2Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71102 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EVB71102
315/433MHz Receiver
Evaluation Board Description
39012 71102 01
Page 5 of 14
EVB Description
Rev. 011
June/07
By configuring the TH71102 for double conversion and using its internal PLL synthesizer with fixed feedback
divider ratios of N1 = 8 (DIV_8) and N2 = 2 (DIV_2), four types of down-conversion are possible: low-side
injection of LO1 and LO2 (low-low), LO1 low-side and LO2 high-side (low-high), LO1 high-side and LO2 low-
side (high-low) or LO1 and LO2 high-side (high-high). The following table summarizes some equations that
are useful to calculate the crystal reference frequency (REF), the first IF (IF1) and the VCO1 or first LO
frequency (LO1), respectively, for a given RF and second IF (IF2).
Injection type
high-high
low-low
high-low
low-high
REF
(RF – IF2)/14
(RF – IF2)/18
(RF + IF2)/14
(RF + IF2)/18
LO1
16
•REF
16
•REF
16
•REF
16
•REF
IF1
LO1 – RF
RF – LO1
LO1 – RF
RF – LO1
LO2
2
•REF
2
•REF
2
•REF
2
•REF
IF2
LO2 – IF1
IF1 – LO2
IF1 – LO2
LO2 – IF1
1.6.1
Selected Frequency Plans
The following table depicts crystal, LO and image signals considering the examples of 315 MHz and
433.92 MHz RF reception at IF2 = 10.7 MHz. The columns in bold depict the selected frequency plans to
receive at 315 MHz and 433.92 MHz, respectively.
Signal type
RF =
315
MHz
RF =
315
MHz
RF =
315
MHz
RF =
315
MHz
RF =
433.92
MHz
RF =
433.92
MHz
RF =
433.92
MHz
RF =
433.92
MHz
Injection type
high-high
low-low
high-low
low-high
high-high
low-low
high-low
low-high
REF / MHz
21.73571
16.90556
23.26429
18.09444
30.23000
23.51222
31.75857
24.70111
LO1 / MHz
347.77143
270.48889
372.22857
289.51111
483.68000
376.19556
508.13714
395.21778
IF1 / MHz
32.77143
44.51111
57.22857
25.48889
49.76000
57.72444
74.21714
38.70222
LO2 / MHz
43.47143
33.81111
46.52857
36.18889
60.46000
47.02444
63.51714
49.40222
RF image/MHz
380.54286
225.97778
429.45714
264.02222
533.44000
318.47112
582.35428
356.51556
IF1 image/MHz
54.17143
23.11111
35.82857
46.88889
71.16000
36.32444
52.81717
60.10222
1.6.2
Maximum Frequency Coverage
Parameter
fmin
fmax
Injection type
high-low
low-low
RF / MHz
251.8
516.95
REF / MHz
18.75
28.125
LO1 / MHz
300
450
IF1 / MHz
48.2
66.95
LO2 / MHz
37.5
56.25
IF2/ MHz
10.7
10.7
The
selection
of
the
reference
crystal
frequency is based on some assumptions. As
for example: the first IF and the image
frequencies should not be in a radio band
where strong interfering signals might occur
(because
they
could
represent
parasitic
receiving signals), the LO1 signal should be in
the range of 300 MHz to 450 MHz (because
this is the optimum frequency range of the
VCO1). Furthermore the first IF should be as
high as possible to achieve highest RF image
rejection.


Similar Part No. - EVB71102

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-A MELEXIS-EVB71101-315-ASK-A Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-C MELEXIS-EVB71101-315-ASK-C Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-FM-A MELEXIS-EVB71101-315-FM-A Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-FM-C MELEXIS-EVB71101-315-FM-C Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71102

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com