Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4890YMS Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM4890YMS
Description  1.1 Watt Audio Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4890YMS Datasheet(HTML) 4 Page - SG Micro Corp

  SGM4890YMS Datasheet HTML 1Page - SG Micro Corp SGM4890YMS Datasheet HTML 2Page - SG Micro Corp SGM4890YMS Datasheet HTML 3Page - SG Micro Corp SGM4890YMS Datasheet HTML 4Page - SG Micro Corp SGM4890YMS Datasheet HTML 5Page - SG Micro Corp SGM4890YMS Datasheet HTML 6Page - SG Micro Corp SGM4890YMS Datasheet HTML 7Page - SG Micro Corp SGM4890YMS Datasheet HTML 8Page - SG Micro Corp SGM4890YMS Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SGM4890
4
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT+ or VOUT- Large Sine Signal Response
Time(10
µs/div)
V+ = 2.6V
Large Signal Step Response
Time(2
µs/div)
V+ = 2.6V
VOUT+ or VOUT- Large Sine Signal Response
Time(5
µs/div)
V+ = 3V
Large Signal Step Response
Time(2
µs/div)
V+ = 3V
VOUT+ or VOUT- Large Sine Signal Response
Time(5
µs/div)
V+ = 3.6V
Large Signal Step Response
Time(2
µs/div)
V+ = 3.6V


Similar Part No. - SGM4890YMS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
   1.1W Audio Power Amplifier
More results

Similar Description - SGM4890YMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
LM4879 TI1-LM4879 Datasheet
1Mb / 32P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4893 NSC-LM4893 Datasheet
705Kb / 22P
   1.1 Watt Audio Power Amplifier
LM4879 NSC-LM4879 Datasheet
788Kb / 25P
   1.1 Watt Audio Power Amplifier
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
   1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com