Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4717YG Datasheet(PDF) 2 Page - SG Micro Corp

Part # 4717YG
Description  4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

4717YG Datasheet(HTML) 2 Page - SG Micro Corp

  4717YG Datasheet HTML 1Page - SG Micro Corp 4717YG Datasheet HTML 2Page - SG Micro Corp 4717YG Datasheet HTML 3Page - SG Micro Corp 4717YG Datasheet HTML 4Page - SG Micro Corp 4717YG Datasheet HTML 5Page - SG Micro Corp 4717YG Datasheet HTML 6Page - SG Micro Corp 4717YG Datasheet HTML 7Page - SG Micro Corp 4717YG Datasheet HTML 8Page - SG Micro Corp 4717YG Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SGM4717
2
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +3.6V, VIH = +1.4 V, VIL = +0.5V, TA= - 40°C to +85°C, Typical values are at V+ = 3.0V, TA= + 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN TPY MAX UNITS
ANALOG SWITCH
Analog Signal Range
VNO, VNC, VCOM
- 40°C to +85°C
0
V+
V
+25°C
7
10
Ω
On-Resistance
RON
V+ = 2.7V, VNO or VNC = 1.5V,
ICOM = -10 mA, Test Circuit 1
- 40°C to +85°C
10.5
Ω
+25°C
0.15 0.3
Ω
On-Resistance Match Between
Channels
∆RON
V+ = 2.7V, VNO or VNC = 1.5V,
ICOM = -10 mA, Test Circuit 1
- 40°C to +85°C
0.4
Ω
+25°C
3
4
Ω
On-Resistance Flatness
RFLAT(ON)
V+ = 2.7V, VNO or VNC = 1.0V, 1.5V,
2.0V, ICOM = -10 mA, Test Circuit 1
- 40°C to +85°C
4.3
Ω
Source OFF Leakage current
INC(OFF), INO(OFF)
V+ = 3.6V, VNO or VNC = 0.3V, 3.3V,
VCOM = 0.3V, 3.3V,
- 40°C to +85°C
1µA
Channel ON Leakage current
INC(ON), INO(ON),
ICOM(ON)
V+ = 3.6V, VCOM = 0.3V, 3.3V,
VNO or VNC = 0.3V, 3.3V, or floating
- 40°C to +85°C
1µA
DIGITAL INPUTS
Input High Voltage
VINH
- 40°C to +85°C
1
V
Input Low Voltage
VINL
- 40°C to +85°C
0.5
V
Input Leakage Current
IIN
V+ = +3.6V, VIN = 0 or 5.5V
- 40°C to +85°C
1µA
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO or VNC = 1.5V,
RL = 300Ω, CL = 35pF, Test Circuit 2;
VIH = 1.5V, VIL = 0V
+25°C
23
ns
Turn-Off Time
tOFF
VNO or VNC = 1.5V,
RL = 300Ω, CL = 35pF, Test Circuit 2;
VIH = 1.5V, VIL = 0V
+25°C
22
ns
Break-Before-Make Time
Delay
tD
VNO1 or VNC1 = VNO2 or VNC2 = 3V,
RL = 300Ω, CL = 35pF, Test Circuit 3
+25°C
4
ns
Skew
tSKEW
RS = 39Ω, CL = 50pF, Test Circuit 4
+25°C
5
ns
f = 10MHz
+25°C
-57
dB
Off Isolation
OISO
RL = 50Ω, CL = 5pF,
Signal = 0dBm,
Test Circuit 5
f = 1MHz
+25°C
-76
dB
f = 10MHz
+25°C
-98
dB
Channel-to-Channel Crosstalk
XTALK
RL = 50Ω, CL = 5pF,
Test Circuit 6
f = 1MHz
+25°C
-103
dB
Bandwidth –3 dB
BW
Signal = 0dBm, RL = 50Ω, CL = 5pF,
Test Circuit 7
+25°C
300
MHz
Source OFF Capacitance
CNC(OFF), CNO(OFF) f = 1MHz
+25°C
5.5
pF
Channel ON Capacitance
CNC(ON), CNO(ON),
CCOM(ON)
f = 1MHz
+25°C
15.5
pF
POWER REQUIREMENTS
Power Supply Range
V+
- 40°C to +85°C
1.8
5.5
V
Power Supply Current
I+
V+ = +5.5V, VIN = 0V or V+
- 40°C to +85°C
5µA
Specifications subject to change without notice.


Similar Part No. - 4717YG

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
4717 DIOTEC-4717 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Heyco.
4717 HEYCO-4717 Datasheet
108Kb / 1P
   Shorty Snap Rivets
More results

Similar Description - 4717YG

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4719 MAXIM-MAX4719 Datasheet
282Kb / 11P
   300MHz Bandwidth, Dual SPDT Analog Switch in UCSP
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com