Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4717 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM4717
Description  4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4717 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM4717 Datasheet HTML 3Page - SG Micro Corp SGM4717 Datasheet HTML 4Page - SG Micro Corp SGM4717 Datasheet HTML 5Page - SG Micro Corp SGM4717 Datasheet HTML 6Page - SG Micro Corp SGM4717 Datasheet HTML 7Page - SG Micro Corp SGM4717 Datasheet HTML 8Page - SG Micro Corp SGM4717 Datasheet HTML 9Page - SG Micro Corp SGM4717 Datasheet HTML 10Page - SG Micro Corp SGM4717 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SGM4717
10
PACKAGE OUTLINE DIMENSIONS
MSOP-10
C
D
e
b
A2
A
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
Min
Max
Min
Max
A
0.800
1.200
0.031
0.047
A1
0.000
0.200
0.000
0.008
A2
0.760
0.970
0.030
0.038
b
0.30 TYP
0.012 TYP
c
0.152 TYP
0.006 TYP
D
2.900
3.100
0.114
0.122
e
0.50 TYP
0.020 TYP
E
2.900
3.100
0.114
0.122
E1
4.700
5.100
0.185
0.201
L
0.410
0.650
0.016
0.026
θ


Similar Part No. - SGM4717

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4717D SGMICRO-SGM4717D Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP-YWQ10/TR SGMICRO-SGM4717EP-YWQ10/TR Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD/TR SGMICRO-SGM4717YD/TR Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
More results

Similar Description - SGM4717

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4719 MAXIM-MAX4719 Datasheet
282Kb / 11P
   300MHz Bandwidth, Dual SPDT Analog Switch in UCSP
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com