Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4157YC Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM4157YC
Description  SPDT 0.8廓 Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4157YC Datasheet(HTML) 1 Page - SG Micro Corp

  SGM4157YC Datasheet HTML 1Page - SG Micro Corp SGM4157YC Datasheet HTML 2Page - SG Micro Corp SGM4157YC Datasheet HTML 3Page - SG Micro Corp SGM4157YC Datasheet HTML 4Page - SG Micro Corp SGM4157YC Datasheet HTML 5Page - SG Micro Corp SGM4157YC Datasheet HTML 6Page - SG Micro Corp SGM4157YC Datasheet HTML 7Page - SG Micro Corp SGM4157YC Datasheet HTML 8Page - SG Micro Corp SGM4157YC Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SGM4157YC
SPDT 0.8Ω Analog Switch
GENERAL DESCRIPTION
The SGM4157YC is a single Low ON-Resistance (0.8Ω),
fast single-pole double-throw (SPDT) CMOS switch. It
is designed for low operating voltage, high current
switching of speaker output for cell phone applications.
The SGM4157YC can handle a balanced microphone/
speaker/ring tone generator in a monophone mode. The
device contains a break−before−make (BBM) feature.
The control input, IN, tolerates input drive signals up to
5.5V, independent of supply voltage.
SGM4157YC is available in SC70-6 package.
APPLICATIONS
Portable Instrumentation
Battery-Operated Equipment
Computer Peripherals
Cell Phones
PDAs
MP3s
PIN DESCRIPTION
NAME
PIN
FUNCTION
NO
1
Normally-open terminal
GND
2
Ground
NC
3
Normally-closed terminal
COM
4
Common terminal
V+
5
Power supply
IN
6
Digital control pin to connect
the COM terminal to the NO
or NC terminals
Note: NO, NC and COM terminal may be an input or output.
FEATURES
− Voltage Operation: 1. 8V to 4.2V
− On-Resistance: 0.8Ω (TYP)
− -3dB Bandwidth: 100MHz
− High Off-Isolation: -50dB at 10MHz
− Rail-to-Rail Operation
− Low Static Power
− TTL/CMOS Compatible
− Break-Before-Make Switching
− Extended Industrial Temperature Range: -40°C to +85°C
− Microsize Package
PIN CONFIGURATION(TOP VIEW)
FUNCTION TABLE
LOGIC
NO
NC
0
OFF
ON
1
ON
OFF
Switches Shown For Logic “0” Input
REV. A
SG Microelectronics Co, Ltd
Tel: 86/10/51798160/80
www.sg-micro.com


Similar Part No. - SGM4157YC

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC_15 Datasheet
311Kb / 9P
   SPDT 0.8 Analog Switch
More results

Similar Description - SGM4157YC

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC_15 Datasheet
311Kb / 9P
   SPDT 0.8 Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Fairchild Semiconductor
FSA2258 FAIRCHILD-FSA2258 Datasheet
849Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA839 FAIRCHILD-FSA839 Datasheet
569Kb / 10P
   Low-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com