Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2301CPZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2301CPZ-REEL
Description  Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2301CPZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2301CPZ-REEL Datasheet HTML 4Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 5Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 6Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 7Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 8Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 9Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 10Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 11Page - Analog Devices SSM2301CPZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SSM2301
Rev. A | Page 8 of 16
100
0
10
20
30
40
50
60
70
80
90
01.4
OUTPUT POWER (W)
RL = 8Ω, 15µH
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
0.2
0.4
0.6
0.8
1.2
1.0
Figure 16. Efficiency vs. Output Power into 8 Ω
0.20
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
00.8
400
350
300
250
200
150
100
50
0
0 0.10.20.30.40.50.60.70.80.91.01.1 1.2 1.3 1.4 1.5
OUTPUT POWER (W)
RL = 8Ω, 15µH
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
OUTPUT POWER (W)
VDD = 3.6V
RL = 8Ω, 15µH
0.2
0.1
0.3
0.4
0.5
0.6
0.7
Figure 17. Power Dissipation vs. Output Power into 8 Ω at VDD = 3.6 V
0.30
0.25
0.20
0.15
0.10
0.05
0
01.5
OUTPUT POWER (W)
VDD = 5.0V
RL = 8Ω, 15µH
0.3
0.1
0.5
0.7
0.9
1.1
1.3 1.4
0.20.40.60.81.01.2
Figure 18. Power Dissipation vs. Output Power into 8 Ω at VDD = 5.0 V
Figure 19. Supply Current vs. Output Power into 8 Ω, One Channel
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 20. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1k
10k
100k
FREQUENCY (Hz)
RL = 8Ω, 33µH
GAIN = 6dB
Figure 21. Common-Mode Rejection Ratio vs. Frequency


Similar Part No. - SSM2301CPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301CPZ-REEL TI-SSM2301CPZ-REEL Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
SSM2301CPZ-REEL7 TI-SSM2301CPZ-REEL7 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results

Similar Description - SSM2301CPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com