Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3005XD Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM3005XD
Description  Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3005XD Datasheet(HTML) 4 Page - SG Micro Corp

  SGM3005XD Datasheet HTML 1Page - SG Micro Corp SGM3005XD Datasheet HTML 2Page - SG Micro Corp SGM3005XD Datasheet HTML 3Page - SG Micro Corp SGM3005XD Datasheet HTML 4Page - SG Micro Corp SGM3005XD Datasheet HTML 5Page - SG Micro Corp SGM3005XD Datasheet HTML 6Page - SG Micro Corp SGM3005XD Datasheet HTML 7Page - SG Micro Corp SGM3005XD Datasheet HTML 8Page - SG Micro Corp SGM3005XD Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SGM3005
4
ELECTRICAL CHARACTERISTICS
(V+ = +3 V ± 10%, GND = 0 V, TA = - 40°C to +125°C, unless otherwise noted. Typical values are at TA = + 25°C.)
SGM3005
PARAMETER
SYMBOL
CONDITIONS
+25℃
- 40℃ to
+125℃
UNITS
MIN/
MAX
ANALOG SWITCH
0
V
MIN
Analog Signal Range
VNO, VNC, VCOM
V+
V
MAX
0.6
Ω
TYP
On-Resistance
RON
0 ≤ VNO or VNC V+, ICOM = −10 mA,
Test Circuit 1
1.0
1.3
Ω
MAX
0.05
Ω
TYP
On-Resistance Match Between
Channels
∆RON
0 ≤ VNO or VNC ≤ V+, ICOM = −10 mA,
Test Circuit 1
0.1
0.13
Ω
MAX
0.25
Ω
TYP
On-Resistance Flatness
RFLAT(ON)
0 ≤ VNO or VNC ≤ V+, ICOM = −10 mA,
Test Circuit 1
0.3
0.4
Ω
MAX
LEAKAGE CURRENTS
±5
nA
TYP
Source OFF Leakage current
INC(OFF), INO(OFF)
VNO or VNC = 3V/1V, VCOM = 1V/3V,
V+ = +3.3V ,Test Circuit 2
±11
±1000
nA
MAX
±5
nA
TYP
Channel ON Leakage current
INC(ON), INO(ON),
ICOM(ON)
VNO or VNC = VCOM = 1V or 3V,
V+ = +3.3V , Test Circuit 3
±11
±1000
nA
MAX
DIGITAL INPUTS
Input High Voltage
VINH
2.0
V
MIN
Input Low Voltage
VINL
0.4
V
MAX
±0.01
µA
TYP
Input Current
IINL or IINH
VIN = VINH or VINH
±0.1
±1
µA
MAX
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO or VNC = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 4
17
ns
TYP
Turn-Off Time
tOFF
VNO or VNC = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 4
16
ns
TYP
Charge Injection,
Q
CL = 1.0nF, VG = 0V, RG = 0, Test Circuit 5
3
pC
TYP
Break-Before-Make Time
Delay
tD
VNO1 or VNC1 = VNO2 or VNC2 = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 6
11
ns
TYP
f = 100KHz
-75
dB
TYP
Off Isolation
OISO
RL = 50Ω, CL = 5pF,
Test Circuit 7
f = 10KHz
-85
dB
TYP
f = 100KHz
-90
dB
TYP
Channel-to-Channel Crosstalk
XTALK
RL = 50Ω, CL = 5pF,
Test Circuit 8
f = 10KHz
-105
dB
TYP
Total Harmonic Distortion
THD
f = 20Hz to 20KHz, VCOM = 2VP-P,
RL = 600Ω, CL = 50pF
0.06
%
TYP
Bandwidth –3 dB
BW
RL = 50Ω, CL = 5pF, Test Circuit 9
30
MHz
TYP
Source OFF Capacitance
CNC(OFF), CNO(OFF)
82
pF
TYP
Channel ON Capacitance
CNC(ON), CNO(ON),
CCOM(ON)
380
pF
TYP
POWER REQUIREMENTS
0.001
µA
TYP
Power Supply Current
I+
V+ = +3.3V, VIN = 0V or 3V
1
µA
MAX
Specifications subject to change without notice.


Similar Part No. - SGM3005XD

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005_15 Datasheet
331Kb / 12P
   Ultra Low ON-Resistance,
More results

Similar Description - SGM3005XD

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM3003 SGMICRO-SGM3003 Datasheet
520Kb / 9P
   Ultra Low ON-Resistance, Low Voltage, SPDT Analog Switch
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IIZ-T INTERSIL-ISL84684IIZ-T Datasheet
385Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
July 31, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com