Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2015-3.0 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2015-3.0
Description  Low Power, Low Dropout, 250mA, RF - Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2015-3.0 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2015-3.0 Datasheet HTML 1Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 2Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 3Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 4Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 5Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 6Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 7Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 8Page - SG Micro Corp SGM2015-3.0 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SGM2015
GENERAL DESCRIPTION
The SGM2015 series low-power, low-noise, low-dropout,
CMOS linear voltage regulators operate from a 2.5V to 5.5V
input and deliver up to 250mA. They are the perfect choice
for low voltage, low power applications. An ultra low
ground current(160µA at 250mA output ) makes these part
attractive for battery operated power systems. The
SGM2015 series also offer ultra low dropout voltage
(250mV at 250mA output) to prolong battery life in
portable electronics. Systems requiring a quiet voltage
source, such as RF applications, will benefit from the
SGM2015 series’ ultra low output noise (30µVRMS) and
high PSRR. An external noise bypass capacitor connected
to the device’s BP pin can further reduce the noise level.
The output voltage is preset to voltages in the range of 1.5V
to 3.3V. Other features include a 10nA logic-controlled
shutdown mode, foldback current limit and thermal shut-
down protection.
Devices come in 5-pin SOT23 package.
APPLICATIONS
Cellular Telephones
Cordless Telephones
PHS Telephones
PCMCIA Cards
Modems
MP3 Player
Hand-Held Instruments
Palmtop Computers
Electronic Planners
Portable/Battery-Powered Equipment
Low Power, Low Dropout,
250mA, RF - Linear Regulators
FEATURES
-
Low Output Noise: 30µVRMS typ(10Hz to 100KHz)
-
Ultra-Low Dropout Voltage:
250mV at 250mA output
-
Low 85µA No-Load Supply Current
-
Low 160µA Operating Supply Current
at 250mA Output
-
High PSRR (73dB at 1KHz)
-
Thermal-Overload Protection
-
Output Current Limit
-
10nA Logic-Controlled Shutdown
-
Available in Multiple Output Voltage Versions
Fixed Outputs of 1.5V, 1.8V, 2.5V, 2.8V, 2.85V,
3.0V, 3.3V
PIN CONFIGURATIONS(TOP VIEW)
1
2
3
4
5
OUT
IN
SOT23-5
GND
EN
BP
SGM2015
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com
REV. A


Similar Part No. - SGM2015-3.0

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2013 SONY-SGM2013 Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
logo
SG Micro Corp
SGM2013 SGMICRO-SGM2013 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8 SGMICRO-SGM2013-1.8 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3 SGMICRO-SGM2013-1.8XK3 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3/TR SGMICRO-SGM2013-1.8XK3/TR Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
More results

Similar Description - SGM2015-3.0

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com