Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2011-3.3XK3L Datasheet(PDF) 7 Page - SG Micro Corp

Part # SG2011-3.3XK3L
Description  300mA , Low Power, Low Dropout, Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2011-3.3XK3L Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SG2011-3.3XK3L Datasheet HTML 2Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 3Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 4Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 5Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 6Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 7Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 8Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 9Page - SG Micro Corp SG2011-3.3XK3L Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SG2011
Application Notes
When LDO is used in handheld products, Attention must be paid to voltage spike which would damage
SG2011. In such applications, voltage spike will be generated at changer interface and VBUS pin of USB
interface when changer adapters and USB equipments are hot-inserted. Besides this, handheld products will
be tested on the production line on the condition of no battery. Test Engineer will apply power from the
connector pin which connects with positive pole of the battery. When external power supply is turned on
suddenly, the voltage spike will be generated at the battery connector. The voltage spike will be very high, it
always exceeds the absolute maximum input voltage (6.0V) of LDO. In order to get robust design. Design
Engineer needs to clear up this voltage spike. Zener diode is a cheap and effective solution to eliminate such
voltage spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be used to remove
voltage spike in cell phone design. The schematic is shown in below:
SG2011
4.7uF
VOUT
Vcc
Input
GND
IN
VOUT
C2
C1
1uF
BZM55B5V6


Similar Part No. - SG2011-3.3XK3L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2011 MICROSEMI-SG2011 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2011-3.3XK3L

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com