Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2324 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2324
Description  1MHz, Quad, General Purpose CMOS Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2324 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2324 Datasheet HTML 1Page - SG Micro Corp SGM2324 Datasheet HTML 2Page - SG Micro Corp SGM2324 Datasheet HTML 3Page - SG Micro Corp SGM2324 Datasheet HTML 4Page - SG Micro Corp SGM2324 Datasheet HTML 5Page - SG Micro Corp SGM2324 Datasheet HTML 6Page - SG Micro Corp SGM2324 Datasheet HTML 7Page - SG Micro Corp SGM2324 Datasheet HTML 8Page - SG Micro Corp SGM2324 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1MHz, Quad, General Purpose
SGM2324
CMOS Operational Amplifier
PRODUCT DESCRIPTION
The SGM2324 has quad rail-to-rail output voltage
feedback amplifiers in one package. It takes the minimum
operating supply voltage down to 3V and the maximum
recommended supply voltage is 5.5V. SGM2324 is
specified over the extended -40°C to +85°C temperature
range.
The amplifier in SGM2324 provides 1MHz bandwidth;
very low input bias currents of 10pA, these features
enable SGM2324 to be used for integrators, photodiode
amplifiers, and piezoelectric sensors. Rail-to-rail output
feature is useful for designers to buffer ASIC in
single-supply systems.
Applications of SGM2324 include safety monitoring,
portable equipment, battery and power supply control,
signal conditioning and interfacing for transducers in low
power systems.
The SGM2324 is offered in SO-16, TSSOP-16, TSSOP-14
and SO-14 packages.
APPLICATIONS
ASIC Input or Output Amplifier
Sensor Interface
Piezo Electric Transducer Amplifier
Medical Instrumentation
Mobile Communication
Portable Systems
Smoke Detectors
Notebook PC
PCMCIA Cards
Battery–Powered Equipment
DSP Interface
FEATURES
• Low Cost
• Rail-to-Rail Output
1.7mV Typical VOS
• Unity Gain Stable
• Gain Bandwidth Product: 1MHz
• Very Low Input Bias Currents: 10pA
• Input Common-Mode Voltage Range Includes
Ground
• Operates from 3V to 5.5V
• Lead (Pb) Free Packages:
SO-16, TSSOP-16, SO-14 and TSSOP-14
PIN CONFIGURATIONS (Top View)
SG Micro Ltd.
Tel: 86/10/51798160/80
www.sg-micro.com
REV. B


Similar Part No. - SGM2324

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2300 SGMICRO-SGM2300 Datasheet
334Kb / 14P
   High Voltage Regulators
logo
SeCoS Halbleitertechnol...
SGM2301 SECOS-SGM2301 Datasheet
349Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SGM2305A SECOS-SGM2305A Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
SGM2305A SECOS-SGM2305A_15 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SGM2324

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2358 SGMICRO-SGM2358 Datasheet
576Kb / 10P
   1MHz, General Purpose CMOS Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_07 Datasheet
313Kb / 16P
   General purpose JFET quad operational amplifier
logo
E-CMOS Corporation
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com