Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2014-2.85 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM2014-2.85
Description  Low Power, Low Dropout, 250mA, RF - Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2014-2.85 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM2014-2.85 Datasheet HTML 1Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 2Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 3Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 4Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 5Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 6Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 7Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 8Page - SG Micro Corp SGM2014-2.85 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SGM2014
5
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 1V or +2.5V (whichever is greater), CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Output Voltage vs.Load Current
2.3
2.4
2.5
2.6
2.7
0
50
100
150
200
250
Load Current(mA)
VOUT = 2.5V
Output Voltage vs.Load Current
3.1
3.2
3.3
3.4
3.5
0
50
100
150
200
250
Load Current(mA)
VOUT = 3.3V
Ground Pin Current vs.Load Current
70
80
90
100
110
120
130
140
150
160
170
180
190
200
0
50
100
150
200
250
Load Current(mA)
VOUT = 2.5V
VOUT = 3.3V
Ground Pin Current vs.Input Voltage
0
40
80
120
160
200
01
23
45
6
Input Voltage(V)
No Load
VOUT = 3.3V
Ground Pin Current vs.Input Voltage
0
40
80
120
160
200
01
2
3
4
5
6
Input Voltage(V)
No Load
VOUT = 2.5V
Output Voltage vs.Input Voltage
0
1
2
3
4
5
6
012
3456
Input Voltage(V)
No Load
VOUT = 2.5V
VOUT = 3.3V


Similar Part No. - SGM2014-2.85

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2014 SONY-SGM2014 Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
More results

Similar Description - SGM2014-2.85

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com