Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2268 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM2268
Description  0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2268 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM2268 Datasheet HTML 2Page - SG Micro Corp SGM2268 Datasheet HTML 3Page - SG Micro Corp SGM2268 Datasheet HTML 4Page - SG Micro Corp SGM2268 Datasheet HTML 5Page - SG Micro Corp SGM2268 Datasheet HTML 6Page - SG Micro Corp SGM2268 Datasheet HTML 7Page - SG Micro Corp SGM2268 Datasheet HTML 8Page - SG Micro Corp SGM2268 Datasheet HTML 9Page - SG Micro Corp SGM2268 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SGM2268
6
TEST CIRCUITS
V1
100mA
NO or NC
COM
VNO or VNC
RON = V1/100mA
Test Circuit 1. On Resistance
V+
VOL
tON
tOFF
50%
50%
90%
90%
VOH
VOUT
V+
0.1
μF
COM
GND
IN
RL
50
Ω
CL
35pF
NO
NC
Test Circuit 2. Switching Times (tON, tOFF)
Test Circuit 3. Break-Before-Make Time (tD)


Similar Part No. - SGM2268

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
More results

Similar Description - SGM2268

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268 Datasheet
658Kb / 11P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223 Datasheet
423Kb / 10P
   0.5廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM5223 UNIONSEMI-UM5223 Datasheet
187Kb / 6P
   0.5廓 Ultra Low ON-Resistance Dual SPDT Analog Switch
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com