Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2015-1.5 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM2015-1.5
Description  Low Power, Low Dropout, 250mA, RF - Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2015-1.5 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM2015-1.5 Datasheet HTML 3Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 4Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 5Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 6Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 7Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 8Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 9Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 10Page - SG Micro Corp SGM2015-1.5 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SGM2015
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 1V (whichever is greater), CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Power-Supply Rejection Ratio
vs.Frequency
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Frequency(kHz)
COUT = 10
μF
CBP = 0.1
μF
ILOAD = 50mA
VIN = VOUT+1V
COUT = 1
μF
Output Noise Spectral Density
vs.Frequency
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency(kHz)
COUT = 10
μF
CBP = 0.01
μF
ILOAD = 50mA
COUT = 1
μF
Output Noise vs.Load Current
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
Load Current(mA)
VOUT = 2.8V
VOUT = 3.3V
f = 10Hz to 100kHz
CBP = 0.01
μF
COUT = 10
μF


Similar Part No. - SGM2015-1.5

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2013 SONY-SGM2013 Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
logo
SG Micro Corp
SGM2013 SGMICRO-SGM2013 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8 SGMICRO-SGM2013-1.8 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3 SGMICRO-SGM2013-1.8XK3 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3/TR SGMICRO-SGM2013-1.8XK3/TR Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
More results

Similar Description - SGM2015-1.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com