Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2014-1.8 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2014-1.8
Description  Low Power, Low Dropout, 250mA, RF - Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2014-1.8 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2014-1.8 Datasheet HTML 1Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 2Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 3Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 4Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 5Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 6Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 7Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 8Page - SG Micro Corp SGM2014-1.8 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Power, Low Dropout,
SGM2014
250mA, RF - Linear Regulators
GENERAL DESCRIPTION
The SGM2014 series low-power, low-noise, low-dropout,
CMOS linear voltage regulators operate from a 2.5V to
5.5V input and deliver up to 250mA. They are the
perfect choice for low voltage, low power applications.
An ultra low ground current(160µA at 250mA output )
makes these part attractive for battery operated power
systems. The SGM2014 series also offer ultra low
dropout voltage (250mV at 250mA output) to prolong
battery life in portable electronics. Systems requiring a
quiet voltage source, such as RF applications, will
benefit from the SGM2014 series’ ultra low output noise
(30µVRMS) and high PSRR. An external noise bypass
capacitor connected to the device’s BP pin can further
reduce the noise level.
The output voltage is preset to voltages in the range of
1.5V
to
3.3V.
Other
features
include
a
10nA
logic-controlled shutdown mode, output current limit
and thermal shut- down protection.
Devices come in 5-pin SOT23 package.
APPLICATIONS
Cellular Telephones
Cordless Telephones
PHS Telephones
PCMCIA Cards
Modems
MP3 Player
Hand-Held Instruments
Palmtop Computers
Electronic Planners
Portable/Battery-Powered Equipment
FEATURES
-
Low Output Noise: 30µVRMS TYP(10Hz to 100kHz)
-
Ultra-Low Dropout Voltage:
250mV at 250mA Output
-
Low 85µA No-Load Supply Current
-
Low 160µA Operating Supply Current
at 250mA Output
-
High PSRR (73dB at 1kHz)
-
Quick Auto-Discharge in Shutdown Status
-
Thermal-Overload Protection
-
Output Current Limit
-
10nA Logic-Controlled Shutdown
-
Available in Multiple Output Voltage Versions
Fixed Outputs of 1.5V, 1.8V, 2.5V, 2.8V, 2.85V,
3.0V, 3.3V
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
OUT
IN
SOT23-5
GND
EN
BP
SGM2014
REV. A
SG Microelectronics Co, Ltd
Tel: 86/10/51798160/80
www.sg-micro.com


Similar Part No. - SGM2014-1.8

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2014 SONY-SGM2014 Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
More results

Similar Description - SGM2014-1.8

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com