Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2013-2.9 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM2013-2.9
Description  300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2013-2.9 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM2013-2.9 Datasheet HTML 2Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 3Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 4Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 5Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 6Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 7Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 8Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 9Page - SG Micro Corp SGM2013-2.9 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SGM2013
PACKAGE OUTLINE DIMENSIONS
SOT89-3
D
e1
b
e
D1
A
c
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
Min
Max
Min
Max
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.020
b1
0.360
0.560
0.014
0.022
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
1.400
1.800
0.055
0.071
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
1.500TYP
0.060TYP
e1
2.900
3.100
0.114
0.122
L
0.900
1.100
0.035
0.043


Similar Part No. - SGM2013-2.9

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2013 SONY-SGM2013 Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
More results

Similar Description - SGM2013-2.9

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
   300mA , Low Power, Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com