Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2014-1.5 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM2014-1.5
Description  Low Power, Low Dropout, 250mA, RF - Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2014-1.5 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM2014-1.5 Datasheet HTML 3Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 4Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 5Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 6Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 7Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 8Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 9Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 10Page - SG Micro Corp SGM2014-1.5 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SGM2014
9
APPLICATION NOTES
When LDO is used in handheld products, attention must be paid to voltage spikes which could damage
SGM2014. In such applications, voltage spikes will be generated at changer interface and VBUS pin of USB
interface when changer adapters and USB equipments are hot-plugged. Besides this, handheld products will
be tested on the production line without battery. Test engineer will apply power from the connector pin
which connects with positive pole of the battery. When external power supply is turned on suddenly, the
voltage spikes will be generated at the battery connector. The voltage spikes will be very high, and it always
exceeds the absolute maximum input voltage (6.0V) of LDO. In order to get robust design, design engineer
needs to clear up this voltage spike. Zener diode is a cheap and effective solution to eliminate such voltage
spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be used to remove
voltage spikes in cell phone designs. The schematic is shown below.
SGM2014
4
4.7uF
VOUT
2
1
Vcc
Input
EN
GND
BP
IN
Control
3
5
VOUT
C2
0.01uF
C1
1uF
BZM55B5V6


Similar Part No. - SGM2014-1.5

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2014 SONY-SGM2014 Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
More results

Similar Description - SGM2014-1.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com