Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM812-ZXN5 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM812-ZXN5
Description  Microprocessor Supervisory with Manual Reset Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-ZXN5 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM812-ZXN5 Datasheet HTML 1Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 2Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 3Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 4Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 5Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 6Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 7Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 8Page - SG Micro Corp SGM812-ZXN5 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SGM811/812
4
ELECTRICAL CHARACTERISTICS (continued)
(VCC Typ = 5 V for L/M/J Models, 3.3 V for T/S Models, 3 V for R Models, 2.5 V for Z Models; unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESET/
RESET OUTPUT VOLTAGE
Low (SGM811R/S/T/Z)
VCC = VTH(MIN), ISINK = 1.2mA
0.3
V
Low (SGM811L/M/J)
VCC = VTH(MIN), ISINK = 3.2mA
0.4
V
Low (SGM811R/S/T/Z/L/M/J)
VCC > 1.0 V, ISINK = 50µA
0.3
V
High (SGM811R/S/T/Z)
VCC > VTH(MAX), ISOURCE = 500µA
0.8×VCC
V
High (SGM811L/M/J)
VCC > VTH(MAX), ISOURCE = 800µA
VCC– 1.5
V
Low (SGM812R/S/T/Z)
VCC = VTH(MAX), ISINK = 1.2mA
0.3
V
Low (SGM812L/M/J)
VCC = VTH(MAX), ISINK = 3.2mA
0.4
V
High (SGM812 R/S/T/Z/L/M/J)
1.8 V < VCC < VTH(MIN), ISOURCE = 150µA
0.8×VCC
V
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = 25°C, unless otherwise noted.)
Terminal Voltage (With Respect to Ground)
VCC................................................................................–0.3 V to +6 V
All Other Inputs ............................................ –0.3 V to VCC + 0.3 V
Input Current
VCC , MR ................................................................................ 20 mA
Output Current
RESET,
RESET ..................................................................... 20 mA
Power Dissipation, PD @ TA = 25℃
SOT23-5 .....................................................................................0.4W
SOT143-4.................................................................................. 0.32W
Operating Temperature Range...........................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).....................................+260°C
ESD Susceptibility
HBM..........................................................................................4000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PIN DESCRIPTION
Pin Number
SGM811
SGM812
NAME
SOT143-4 SOT23-5 SOT143-4
FUNCTION
GND
1
1
1
Ground
NC
2
No connect.
RESET
2
3
Active Low Logic Output.
RESET remains low while VCC is below the reset
threshold or when MR is low;
RESET then remains low for at least 160 ms after
VCC rises above the reset threshold.
RESET
2
Active High Logic Output. RESET remains high while VCC is below the reset
threshold or when MR is low; RESET then remains high for 240 ms (typical) after
VCC rises above the reset threshold.
MR
3
4
3
Manual Reset. This active low debounced input will ignore input pulses of 100 ns or
less (typical) and is guaranteed to accept input pulses of greater than 10 µs. Leave
floating when not used.
VCC
4
5
4
Power supply voltage that is monitored.


Similar Part No. - SGM812-ZXN5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM812-ZXN5/TR SGMICRO-SGM812-ZXN5/TR Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
More results

Similar Description - SGM812-ZXN5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6467 MAXIM-MAX6467 Datasheet
265Kb / 9P
   Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Rev 0; 7/02
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com