Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM810-SXN3 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM810-SXN3
Description  Microprocessor Supervisory Circuit in 3-Pin SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM810-SXN3 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM810-SXN3 Datasheet HTML 1Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 2Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 3Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 4Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 5Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 6Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 7Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 8Page - SG Micro Corp SGM810-SXN3 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SGM803/809/810
3
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = 25°C, unless otherwise noted.)
VCC................................................................................–0.3 V to +6 V
RESET,
RESET ...............................................–0.3 V to VCC +0.3 V
Input Current , VCC.................................................................20 mA
Output Current, RESET,
RESET ......................................... 20 mA
Rate of Rise, VCC .................................................................100 V/µs
Power Dissipation, PD @ TA = 25℃
SOT23-3 .....................................................................................0.4W
Package Thermal Resistance
SOT23-3, θJA....................................................................... 250℃/W
Operating Temperature Range...........................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).....................................+260°C
ESD Susceptibility
HBM..........................................................................................4000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PIN DESCRIPTION
Pin Number
NAME
SGM803
SGM809
SGM809-
ZXN3L
SGM810
FUNCTION
GND
1
1
2
1
Ground
RESET
2
2
1
Active Low reset.
RESET remains low while VCC is below the reset
threshold, and remains low for 240 ms (typ) after VCC rises above the
reset threshold.
RESET
2
Active High reset. RESET remains high while VCC is below the reset
threshold, and remains high for 240 ms (typ) after VCC rises above the
reset threshold.
VCC
3
3
3
3
Power supply voltage that is monitored.


Similar Part No. - SGM810-SXN3

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM810-SXN3/TR SGMICRO-SGM810-SXN3/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM810-SXN3L/TR SGMICRO-SGM810-SXN3L/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
More results

Similar Description - SGM810-SXN3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM809 AD-ADM809 Datasheet
172Kb / 6P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
REV. 0
logo
SG Micro Corp
SGM803 SGMICRO-SGM803_18 Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com